Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPMS24 Datasheet (PDF) - Tycon Systems, Inc.

RPMS24 Datasheet PDF - Tycon Systems, Inc.
Part # RPMS24
Download  RPMS24 Download
File Size   310.88 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description MobileSolarPro®

RPMS24 Datasheet (PDF)

Go To PDF Page Download Datasheet
RPMS24 Datasheet PDF - Tycon Systems, Inc.

Part # RPMS24
Download  RPMS24 Click to download

File Size   310.88 Kbytes
Page   2 Pages
Manufacturer  TYCONSYSTEMS [Tycon Systems, Inc.]
Direct Link  https://www.tyconsystems.com/
Logo TYCONSYSTEMS - Tycon Systems, Inc.
Description MobileSolarPro®

RPMS24 Datasheet (HTML) - Tycon Systems, Inc.


RPMS24 Product details

Features
• Low Cost Complete Mobile Solar Remote Power Solution for Off-Grid operation. Fully Assembled. Sets up in minutes.
• Weatherproof Outdoor Locking Enclosure with High Performance Sealed Lead Acid Battery. Thermostatically Controlled Ventilation.
• Up to 1440W Solar Capacity – Supports up to 315W continuous power with 6 Hrs. Peak Sun. Heavy Duty galvanized 360° adjustable solar mount with10-65deg tilt. 25Year Solar Panel Warranty.
• MPPT Temperature Compensated Solar Charge Controller: 60A Solar, 30A Load, 99% Efficiency.

Applications
• Construction Sites
• Surveillance Cameras
• Concerts and Festivals
• Temporary Security
• Off Grid Power
• Parking Lots
• Temporary Remote Lighting
• Emergency Power
• Agriculture

• Complete Remote Monitoring and Control – Email Alerts and Manual/Automatic Reboot. Monitor Solar Voltage & Current, Battery Voltage & Current, Load Current, Temperature. Disconnect Load Power.
• Pneumatic Four Position (9ft, 12ft, 15ft, 18ft) Locking Aluminum Extension Mast for up to 110lb load. Raises fully in about 90 seconds using the integrated air pump.
• Regulated 12VDC, 56VDC and Un-regulated 24VDC Output at Top of Mast. Includes surge protected Gigabit 5 port PoE Layer 2 Switch with one 90W 802.3bt PoE Port, three 802.3at PoE+ Ports and one 24V Passive PoE Port, all at top of pole. Dual CAT5 connections between top of mast and battery enclosure.
• Protected and Secured Wiring to deter vandals.
• Dual Charging. Convenient Backup Generator or Grid Power Port. Charge batteries using solar or AC power.
• Locking 2" Ball Hitch Tongue Lock. Four spring actuated extending (36" Max) support jacks.
• Room for Second Enclosure on Most Models for tool storage or additional battery capacity.
• Chrome Wheels, Leaf Spring Suspension, Aluminum Diamond Plate Decking, Powder Coated Welded Steel Tube Construction.
• Solar Panel Cover and Ratchet Straps for secure travel protection, Included.
• Options: Tycon BreezePro® Wind Turbine Kit, second frame mounted aluminum enclosure, light kit, guy line kit, second battery bank and larger solar array.




Similar Part No. - RPMS24

ManufacturerPart #DatasheetDescription
logo
Rohm
RPMS2401-H19 ROHM-RPMS2401-H19 Datasheet
99Kb / 3P
Ultra-compact Surface Mount Remote Control Photoreceiver Module
More results


Similar Description - RPMS24

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com