Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83CE559 Datasheet (PDF) - NXP Semiconductors

P83CE559 Datasheet PDF - NXP Semiconductors
Part # P83CE559
Download  P83CE559 Download
File Size   524.34 Kbytes
Page   72 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single-chip 8-bit microcontroller

P83CE559 Datasheet (PDF)

Go To PDF Page Download Datasheet
P83CE559 Datasheet PDF - NXP Semiconductors

Part # P83CE559
Download  P83CE559 Click to download

File Size   524.34 Kbytes
Page   72 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Single-chip 8-bit microcontroller

P83CE559 Datasheet (HTML) - NXP Semiconductors


P83CE559 Product details

GENERAL DESCRIPTION
The P80CE559/P83CE559 (hereafter generically referred to as P8xCE559) single-chip 8-bit microcontroller is manufactured in an advanced CMOS process and is a derivative of the 80C51 microcontroller family. The P8xCE559 has the same instruction set as the 80C51. Three versions of the derivative exist:

• P83CE559 — 48 Kbytes mask programmable ROM
• P80CE559 — ROMless version of the P83CE559
• P89CE559 — not planned any longer

FEATURES
• 80C51 central processing unit
• 48 K × 8 ROM, expandable externally to 64 Kbytes
• ROM Code protection
• 1536 × 8 RAM, expandable externally to 64 Kbytes
• Two standard 16-bit timer/counters
• An additional 16-bit timer/counter coupled to four capture registers and three compare registers
• A 10-bit ADC with eight multiplexed analog inputs and programmable autoscan
• Two 8-bit resolution, pulse width modulation outputs
• Five 8-bit I/O ports plus one 8-bit input port shared with analog inputs
• I2C-bus serial I/O port with byte oriented master and slave functions
• Full-duplex UART compatible with the standard 80C51
• On-chip watchdog timer
• 15 interrupt sources with 2 priority levels (2 to 6 external sources possible)
• Extended temperature range (–40 to +85 °C)
• 4.5 to 5.5 V supply voltage range
• Frequency range for 80C51–family standard oscillator: 3.5 MHz to 16 MHz
• PLL oscillator with 32 kHz reference and software–selectable system clock frequency
• Seconds Timer
• Software enable/disable of ALE output pulse
• Electromagnetic compatibility improvements
• Wake–up from Power–down by external or seconds interrupt




Similar Part No. - P83CE559

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83CE558 PHILIPS-P83CE558 Datasheet
721Kb / 72P
Single-chip 8-bit microcontroller
1996 Aug 06
P83CE558EBB/YYY PHILIPS-P83CE558EBB/YYY Datasheet
721Kb / 72P
Single-chip 8-bit microcontroller
1996 Aug 06
P83CE558EFB/YYY PHILIPS-P83CE558EFB/YYY Datasheet
721Kb / 72P
Single-chip 8-bit microcontroller
1996 Aug 06
More results


Similar Description - P83CE559

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
SINGLE CHIP 8 BIT MICROCONTROLLER
logo
NEC
UPD78F9188CT NEC-UPD78F9188CT Datasheet
70Kb / 9P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
8-Bit Single-Chip Microcontroller
logo
NEC
UPD78C18 NEC-UPD78C18 Datasheet
1Mb / 373P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
XC886 INFINEON-XC886_1 Datasheet
4Mb / 144P
8-Bit Single-Chip Microcontroller
V0.9, Dec. 2006
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
8-Bit Single Chip Microcontroller
V1.0 2010-05
XC835 INFINEON-XC835 Datasheet
1Mb / 56P
8-Bit Single-Chip Microcontroller
V1.2 2011-03
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
8-Bit Single-Chip Microcontroller
Dec. 2000
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com