Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PR1502G Datasheet (PDF) - Diodes Incorporated

PR1502G Datasheet PDF - Diodes Incorporated
Part # PR1502G
Download  PR1502G Download
File Size   87.33 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER

PR1502G Datasheet (PDF)

Go To PDF Page Download Datasheet
PR1502G Datasheet PDF - Diodes Incorporated

Part # PR1502G
Download  PR1502G Click to download

File Size   87.33 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER

PR1502G Datasheet (HTML) - Diodes Incorporated


PR1502G Product details

Features

● Glass Passivated Die Construction

● Fast Switching for High Efficiency

● Surge Overload Rating to 50A Peak

● Low Reverse Leakage Current

● Lead Free Finish, RoHS Compliant (Note 4)



 




Similar Part No. - PR1502G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1502G DIODES-PR1502G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
Compact Technology Corp...
PR1502G CTC-PR1502G Datasheet
74Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
PR1502G ZSELEC-PR1502G Datasheet
134Kb / 2P
1.5A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Diodes Incorporated
PR1502GS DIODES-PR1502GS Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
More results


Similar Description - PR1502G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
1.5A Sintered Glass Passivated Fast Recovery Rectifier
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com