| Manufacturer | Part # | Datasheet | Description |
 Bi technologies |
45GR10KLFXX
|
62Kb / 5P |
4mm Square High Resolution - 15 Turn Surface Mount Cermet Trimming Potentiometer
|
 List of Unclassifed Man... |
EF85
|
359Kb / 4P |
PENTODE DE TENSION
|
 MolexKits |
76650-0236
|
24Kb / 3P |
PCB Through Hole, SMT (Surface Mount Technology)
|
|
76650-0237
|
23Kb / 3P |
PCB Through Hole, SMT (Surface Mount Technology)
|
 Richco, Inc. |
TCG1-2.500-23
|
36Kb / 1P |
TENSION CARD GUIDE
|
|
TCGVM1-2.500-23
|
48Kb / 1P |
TENSION CARD GUIDE VERTICAL MOUNT
|
 Molex Electronics Ltd. |
130127-0007
|
44Kb / 1P |
Super-Safeway짰 Receptacle Tension Tester & Receptacle Tension Tester
|
 Weidmuller |
1706010000
|
99Kb / 4P |
Feed-through terminal, 2.5 mm짼, Tension clamp connection
|
 Mill-Max Mfg. Corp. |
917-47-108-41-005000
|
452Kb / 1P |
SERIES 917 ??SURFACE AND THROUGH-HOLE MOUNT
|
 Weidmuller |
7904180000
|
501Kb / 13P |
Feed-through terminal, Tension-clamp connection, 4 mm짼
November 9, 2021 |