Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSG Datasheet (PDF) - RFE international

LSG Datasheet PDF - RFE international
Part # LSG
Download  LSG Download
File Size   575.35 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C

LSG Datasheet (PDF)

Go To PDF Page Download Datasheet
LSG Datasheet PDF - RFE international

Part # LSG
Download  LSG Click to download

File Size   575.35 Kbytes
Page   4 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C

LSG Datasheet (HTML) - RFE international


LSG Product details

FEATURES
Has a snap-in terminal which can solder to a PCB directly and need not fixture to save processing time
Suitable for electronic equipment with medium-high voltage circuits
Printed circuit board terminal snap-in type and lug terminal type available
105 , 2,000 hours assured




Similar Part No. - LSG

ManufacturerPart #DatasheetDescription
logo
Surge Components
LSG SURGE-LSG Datasheet
8Mb / 10P
suap-in terminal type
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
OSRAM GmbH
LSG-A671 OSRAM-LSG-A671 Datasheet
490Kb / 15P
white SMT package, colorless clear resin
LSG-T670 OSRAM-LSG-T670 Datasheet
563Kb / 15P
white P-LCC-4 package, colorless clear resin
LSG-T671 OSRAM-LSG-T671 Datasheet
529Kb / 15P
white P-LCC-4 package, colorless clear resin
More results


Similar Description - LSG

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
EYH VISHAY-EYH Datasheet
116Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-in
Revision: 14-Feb-08
logo
RFE international
LSG101M2G220300 RFE-LSG101M2G220300 Datasheet
174Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS LSG Series: Snap-in Terminal Type, 105C
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com