Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP431QL-A Datasheet (PDF) - Diodes Incorporated

AP431QL-A Datasheet PDF - Diodes Incorporated
Part # AP431QL-A
Download  AP431QL-A Download
File Size   285.79 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP431QL-A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP431QL-A Datasheet PDF - Diodes Incorporated

Part # AP431QL-A
Download  AP431QL-A Click to download

File Size   285.79 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description ADJUSTABLE PRECISION SHUNT REGULATOR

AP431QL-A Datasheet (HTML) - Diodes Incorporated


AP431QL-A Product details

Description
The AP431 and AP431A are 3-terminal adjustable precision shunt regulators with guaranteed temperature stability over the applicable extended commercial temperature range. The output voltage may be set at any level greater than 2.495V (VREF) up to 36V merely by selecting two external resistors that act as a voltage divider network. These devices have a typical output impedance of 0.2Ω. Active output circuitry provides very sharp turn-on characteristics, making these devices excellent improved replacements for Zener diodes in many applications.

Features
• Precision reference voltage
    • AP431: 2.495V ± 1%
    • AP431A: 2.495V ± 0.5%
• Sink current capability: 200mA
• Minimum cathode current for regulation: 300μA
• Equivalent full-range temp coefficient: 30 ppm/oC
• Fast turn-on response
• Low dynamic output impedance: 0.2Ω
• Programmable output voltage to 36V
• Low output noise
• Lead Free packages: SOT25, SC59, SC59R, SOT89-3L and TO92-3L
• SOT23, SOT23R, SOT25, SC59, SC59R, SOP-8L, SOT89-3L, TO92-3L: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish/ RoHS Compliant (Note 1)




Similar Part No. - AP431QL-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431QL ANACHIP-AP431QL Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP431QLA ANACHIP-AP431QLA Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
More results


Similar Description - AP431QL-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com