Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP358S Datasheet (PDF) - Diodes Incorporated

AP358S Datasheet PDF - Diodes Incorporated
Part # AP358S
Download  AP358S Download
File Size   298.44 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER DUAL OPERATIONAL AMPLIFIERS

AP358S Datasheet (PDF)

Go To PDF Page Download Datasheet
AP358S Datasheet PDF - Diodes Incorporated

Part # AP358S
Download  AP358S Click to download

File Size   298.44 Kbytes
Page   15 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER DUAL OPERATIONAL AMPLIFIERS

AP358S Datasheet (HTML) - Diodes Incorporated


AP358S Product details

General Description

The AP358 series consists of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply

over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. 



Features

•  Internally frequency compensated for unity gain

•  Large dc voltage gain: 100 dB

•  Very low supply current drain (500µA)-essentially

    independent of supply voltage

•  Wide bandwidth (unity gain): 1 MHz (temperature compensated)

•  Input common-mode voltage range includes ground

•  Differential input voltage range equal to the power supply voltage

•  Low input offset voltage: 2mV

•  Wide power supply range: 

    Single supply: 3V to 32V

     Or dual supplies: ±1.5V to ±16V

•  Large output voltage swing: 0V to V+ - 1.5V

•  8-pin SOP, PDIP package

•  Lead Free Finish/RoHS Compliant for Lead Free and “Green” products (Note 1)

•  SOP-8L: Available in “Green” Molding Compound (No Br, Sb)




Similar Part No. - AP358S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP358SG-13 DIODES-AP358SG-13 Datasheet
228Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
AP358SL-13 DIODES-AP358SL-13 Datasheet
228Kb / 16P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
DS31007 Rev. 6 - 2
More results


Similar Description - AP358S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
Low Power Dual Operational Amplifiers
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com