Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD390N15A Datasheet (PDF) - Inchange Semiconductor Company Limited

FDD390N15A Datasheet PDF - Inchange Semiconductor Company Limited
Part # FDD390N15A
Download  FDD390N15A Download
File Size   304.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

FDD390N15A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDD390N15A Datasheet PDF - Inchange Semiconductor Company Limited

Part # FDD390N15A
Download  FDD390N15A Click to download

File Size   304.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc N-Channel MOSFET Transistor

FDD390N15A Datasheet (HTML) - Inchange Semiconductor Company Limited


FDD390N15A Product details

FEATURES
·Drain Current : ID= 26A@ TC=25℃
·Drain Source Voltage
: VDSS= 150V(Min)
·Static Drain-Source On-Resistance
: RDS(on) = 42mΩ(Max)
·100% avalanche tested
DESCRIPTION
·motor drive, DC-DC converter, power switch
and solenoid drive




Similar Part No. - FDD390N15A

ManufacturerPart #DatasheetDescription
logo
BYCHIP ELECTRONICS CO.,...
FDD390N15A BYCHIP-FDD390N15A Datasheet
741Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
logo
Fairchild Semiconductor
FDD390N15ALZ FAIRCHILD-FDD390N15ALZ Datasheet
270Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 26A, 42m廓
logo
VBsemi Electronics Co.,...
FDD390N15ALZ VBSEMI-FDD390N15ALZ Datasheet
1,004Kb / 9P
N-Channel 150 V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD390N15ALZ ISC-FDD390N15ALZ Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
BYCHIP ELECTRONICS CO.,...
FDD390N15ALZ BYCHIP-FDD390N15ALZ Datasheet
685Kb / 4P
N-channel Enhancement Mode Power MOSFET
v1.0
More results


Similar Description - FDD390N15A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com