Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSR14 Datasheet (PDF) - Inchange Semiconductor Company Limited

BSR14 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BSR14
Download  BSR14 Download
File Size   340.26 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BSR14 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSR14 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BSR14
Download  BSR14 Click to download

File Size   340.26 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Power Transistor

BSR14 Datasheet (HTML) - Inchange Semiconductor Company Limited


BSR14 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= 75V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= 1V(Max) @IC=0.5A
APPLICATIONS
·Switching and linear applications




Similar Part No. - BSR14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSR14 PHILIPS-BSR14 Datasheet
45Kb / 8P
NPN switching transistors
1999 Apr 15
logo
Fairchild Semiconductor
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
NPN General Purpose Amplifier
logo
Diotec Semiconductor
BSR14 DIOTEC-BSR14 Datasheet
183Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BSR14 KEXIN-BSR14 Datasheet
41Kb / 2P
NPN Switching Transistors
logo
NXP Semiconductors
BSR14 NXP-BSR14 Datasheet
145Kb / 8P
NPN switching transistors
2004 Jan 13
More results


Similar Description - BSR14

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com