Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N82S191N Datasheet (PDF) - NXP Semiconductors

N82S191N Datasheet PDF - NXP Semiconductors
Part # N82S191N
Download  N82S191N Download
File Size   53.97 Kbytes
Page   3 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16K-bit TTL bipolar PROM (2048 x 8)

N82S191N Datasheet (PDF)

Go To PDF Page Download Datasheet
N82S191N Datasheet PDF - NXP Semiconductors

Part # N82S191N
Download  N82S191N Click to download

File Size   53.97 Kbytes
Page   3 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16K-bit TTL bipolar PROM (2048 x 8)

N82S191N Datasheet (HTML) - NXP Semiconductors


N82S191N Product details

DESCRIPTION
The 82S191 and 82S191A are field
programmable, which means that
custom patterns are immediately
available by following the Signetics
Generic I fusing procedure. The 82S191
and 82S191A are supplied with all
outputs at logical Low. Outputs are
programmed to a logic High level at any
specified address by fusing the Ni-Cr
link matrix.
These devices include on-chip decoding
and 3 Chip Enable inputs for ease of
memory expansion. They feature
3-State outputs for optimization of word
expansion in bused organizations.
Ordering information can be found on
the following page.
The 82S191 and 82S191A devices are
also processed to military requirements
for operation over the military
temperature range. For specifications
and ordering information, consult the
Signetics Military Data Handbook.

FEATURES
• Address access time:
– N82S191: 80ns max
– N82S191A: 55ns max
• Power dissipation: 40mW/bit typ
• Input loading: –100mA max
• Three Chip Enable inputs
• On-chip address decoding
• No separate fusing pins
• Unprogrammed outputs are Low level
• Fully TTL compatible
• Outputs: 3-State
APPLICATIONS
• Sequential controllers
• Microprogramming
• Hardwired algorithms
• Control store
• Random logic
• Code conversion




Similar Part No. - N82S191N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N82S19 ETC1-N82S19 Datasheet
129Kb / 4P
576-BIT BIPOLAR RAM (64 X 9)
More results


Similar Description - N82S191N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
42Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
logo
Advanced Micro Devices
AM27S191 AMD-AM27S191 Datasheet
416Kb / 10P
16,384-BIT (2048 x 8) BIPOLAR PROM
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
131Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
logo
Advanced Micro Devices
AM27S23 AMD-AM27S23 Datasheet
449Kb / 9P
2048-BIT (256X8) BIPOLAR PROM
logo
List of Unclassifed Man...
MMN2716 ETC1-MMN2716 Datasheet
244Kb / 6P
2048 x 8 BIT EPROM / PROM
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
(256 X 8) 2048-BIT TTL PROM
DM54S571 NSC-DM54S571 Datasheet
126Kb / 4P
(512 X 4) 2048-BIT TTL PROM
logo
NXP Semiconductors
82LHS191 PHILIPS-82LHS191 Datasheet
151Kb / 3P
16K-BIT TTL BIPOLAR PROM
November 10 1988
logo
NEC
UPB429 NEC-UPB429 Datasheet
167Kb / 3P
2048 x 8-BIT BIPOLA TTL PROM
UPB412 NEC-UPB412 Datasheet
227Kb / 5P
2048 BIT BIPOLAR TTL
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com