Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ8993 Datasheet (PDF) - Micrel Semiconductor

KSZ8993 Datasheet PDF - Micrel Semiconductor
Part # KSZ8993
Download  KSZ8993 Download
File Size   225.45 Kbytes
Page   35 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-Port 10/100 Integrated Switch with PHY and Frame Buffer

KSZ8993 Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ8993 Datasheet PDF - Micrel Semiconductor

Part # KSZ8993
Download  KSZ8993 Click to download

File Size   225.45 Kbytes
Page   35 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 3-Port 10/100 Integrated Switch with PHY and Frame Buffer

KSZ8993 Datasheet (HTML) - Micrel Semiconductor


KSZ8993 Product details

General Description
The KS8993 contains three 10/100 physical layer transceivers, three MAC (Media Access Control) units with an integrated layer 2 switch. The device runs in two modes. The first mode is a three port integrated switch and the second is as a three port switch with the third port decoupled from the physical port. In this mode access to the third MAC is provided using a reverse or forward MII (Media Independent Interface) such that an external MAC can be directly connected to the KS8993. This interface also supports the 7-wire (serial network interface) as used by some routing devices.

Features
• 3-port 10/100 integrated switch with physical layer transceivers
• 64k Byte of SRAM on chip for frame buffering
• 1.0Gbps high performance memory bandwidth
• 10BaseT, 100BaseTX and 100BaseFX modes of operation
• Support for UTP or fiber installations
• Superior analog technology for reduced power and die size
• Supports port based VLAN
• QoS feature!! Supports 802.1p based priority or portbased priority
• Indicators for link, activity, full/half-duplex and speed
• Unmanaged operation via strapping at system reset time
• Hardware based 10/100, full/half, flow control and autonegotiation
• Individual port forced modes (full-duplex, 100BaseTX) when auto-negotiation is disabled
• Wire speed reception and transmission
• On chip integrated address look-up engine, supports 1K absolute MAC addresses
• Automatic address learning, address aging and address migration
• Full-duplex IEEE 802.3x flow control (Pause) with force mode option
• Half-duplex back pressure flow control
• Comprehensive LED support
• External MAC interface (MII or SNI 7-wire ) for router applications
• 300mA (0.75W) including physical transmit drivers
• Commercial temperature range: 0°C to +70°C
• Industrial temperature range: –40°C to +85°C
• Available in 128-pin PQFP with single 2.5V power supply




Similar Part No. - KSZ8993

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ8993 MICREL-KSZ8993 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KSZ8993 MICREL-KSZ8993 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KSZ8993F MICREL-KSZ8993F Datasheet
574Kb / 100P
Single Chip Fast Ethernet Media Converter with TS-1000 OAM
KSZ8993FL MICREL-KSZ8993FL Datasheet
574Kb / 100P
Single Chip Fast Ethernet Media Converter with TS-1000 OAM
KSZ8993M MICREL-KSZ8993M Datasheet
1Mb / 85P
Integrated 3-Port 10/100 Managed Integrated 3-Port 10/100 Managed
More results


Similar Description - KSZ8993

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
SY87813L MICREL-SY87813L_06 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
Integrated 3-Port 10/100 Managed Switch with PHYs
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com