| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
CS5171
|
184Kb / 22P |
1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20 |
|
NCP1442
|
163Kb / 20P |
4.0 A 280 kHz/560 kHz Boost Regulators
October, 2004 ??Rev. 7 |
|
NCP5173
|
161Kb / 18P |
1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1 |
|
CS51411
|
252Kb / 20P |
1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17 |
|
NCP5173
|
437Kb / 17P |
1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2 |
|
NCV5171
|
189Kb / 19P |
1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1 |
|
NCV5171
|
262Kb / 19P |
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4 |
|
CS5171
|
283Kb / 21P |
1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23 |
|
NCV5171
|
238Kb / 19P |
1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4 |
|
NCV5171
|
332Kb / 20P |
Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7 |