Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S17NF3LL Datasheet (PDF) - STMicroelectronics

S17NF3LL Datasheet PDF - STMicroelectronics
Part # S17NF3LL
Download  S17NF3LL Download
File Size   321.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion

S17NF3LL Datasheet (PDF)

Go To PDF Page Download Datasheet
S17NF3LL Datasheet PDF - STMicroelectronics

Part # S17NF3LL
Download  S17NF3LL Click to download

File Size   321.36 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 30V - 0.0045ohm - 17A - SO-8 STripFET II Power MOSFET for DC-DC conversion

S17NF3LL Datasheet (HTML) - STMicroelectronics




Similar Part No. - S17NF3LL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
S17-50-C PANDUIT-S17-50-C Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
S17-50-C0 PANDUIT-S17-50-C0 Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Seiko Instruments Inc
S1701 SII-S1701 Datasheet
935Kb / 71P
HIGH RIPPLE-REJECTION LOW DROPOUT
S1702 SII-S1702 Datasheet
609Kb / 45P
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Faraday Technology
S17020G FARADAY-S17020G Datasheet
77Kb / 2P
GENERAL PURPOSE LP FILTER
More results


Similar Description - S17NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS17NF3LL STMICROELECTRONICS-STS17NF3LL Datasheet
291Kb / 8P
N-CHANNEL 30V - 0.0045 ohm - 17A SO-8 STripFET™ II MOSFET FOR DC-DC CONVERSION
Mar-2003
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
290Kb / 8P
N-CHANNEL 30V - 0.0032 ohm - 25A SO-8 STripFET™ III MOSFET FOR DC-DC CONVERSION
19-Nov-2007
STSJ100NH3LL STMICROELECTRONICS-STSJ100NH3LL Datasheet
107Kb / 6P
N-CHANNEL 30V - 0.0027 ohm - 100A PowerSO-8??STripFET??III POWER MOSFET FOR DC-DC CONVERSION
Sep-2003
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
22-Jun-2005
STS17NH3LL STMICROELECTRONICS-STS17NH3LL Datasheet
247Kb / 9P
N-channel 30V - 0.004OHM - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
01-Aug-2006
STS12NF30L STMICROELECTRONICS-STS12NF30L_07 Datasheet
305Kb / 12P
N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
31-Jan-2007
STS17NH3LL STMICROELECTRONICS-STS17NH3LL_07 Datasheet
307Kb / 12P
N-channel 30V - 0.004ohm - 17A - SO-8 STripFET Power MOSFET for DC-DC conversion
09-Jan-2007
STSJ60NH3LL STMICROELECTRONICS-STSJ60NH3LL Datasheet
283Kb / 12P
N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
12-Apr-2006
STS25NH3LL STMICROELECTRONICS-STS25NH3LL Datasheet
311Kb / 11P
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
19-Nov-2007
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
N-channel 30 V - 0.004 Ω - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
12-Dec-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com