Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3021 Datasheet (PDF) - Lite-On Technology Corporation

MOC3021 Datasheet PDF - Lite-On Technology Corporation
Part # MOC3021
Download  MOC3021 Download
File Size   266.08 Kbytes
Page   8 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 6pin DIP photocoupler, triac driver output

MOC3021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC3021 Datasheet PDF - Lite-On Technology Corporation

Part # MOC3021
Download  MOC3021 Click to download

File Size   266.08 Kbytes
Page   8 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description 6pin DIP photocoupler, triac driver output

MOC3021 Datasheet (HTML) - Lite-On Technology Corporation


MOC3021 Product details

FEATURES
* Isolation voltage between input and output Viso : 5,000Vrms January 2010
* 6pin DIP photocoupler, triac driver output
* High repetitive peak off-state voltage VDRM : Min. 400V
* High critical rate of rise of off-state voltage
   ( dV/dt : MIN. 100V / µs )
* Dual-in-line package :
   MOC3020, MOC3021, MOC3022, MOC3023
* Wide lead spacing package :
   MOC3020M, MOC3021M, MOC3022M, MOC3023M
* Surface mounting package :
   MOC3020S, MOC3021S, MOC3022S, MOC3023S
* Tape and reel packaging :
   MOC3020S-TA1, MOC3021S-TA1, MOC3022S-TA1, MOC3023S-TA1
* Safety approval
   UL / CSA / FIMKO / VDE* approved
   *Required “V” ordering option

APPLICATIONS
* Motor Controls
* Solid state relays
* For triggering high power thyristor and triac
* Household use equipment




Similar Part No. - MOC3021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC3021 MOTOROLA-MOC3021 Datasheet
299Kb / 6P
6-Pin DIP Random-Phase Optoisolators Triac Driver Output
logo
Texas Instruments
MOC3021 TI-MOC3021 Datasheet
132Kb / 7P
OPTOCOUPLERS/OPTOISOLATORS
logo
QT Optoelectronics
MOC3021 QT-MOC3021 Datasheet
307Kb / 3P
non-zero-crossing triacs
logo
Fairchild Semiconductor
MOC3021 FAIRCHILD-MOC3021 Datasheet
111Kb / 10P
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021 FAIRCHILD-MOC3021 Datasheet
176Kb / 7P
6-Pin DIP Random-phase Optoisolators Triac Driver Output
More results


Similar Description - MOC3021

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KP2110 COSMO-KP2110_15 Datasheet
286Kb / 11P
6PIN PHOTOTRANSISTOR PHOTOCOUPLER
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
June 14, 2013
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
June 14, 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com