Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8152TA Datasheet (PDF) - Renesas Technology Corp

UPC8152TA Datasheet PDF - Renesas Technology Corp
Part # UPC8152TA
Download  UPC8152TA Download
File Size   448.08 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC8152TA Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8152TA Datasheet PDF - Renesas Technology Corp

Part # UPC8152TA
Download  UPC8152TA Click to download

File Size   448.08 Kbytes
Page   54 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC8152TA Datasheet (HTML) - Renesas Technology Corp


UPC8152TA Product details

FEATURES
• Low current consumption : UPC8128TA ; ICC = 2.8 mA TYP. @ VCC = 3.0 V
UPC8151TA ; ICC = 4.2 mA TYP. @ VCC = 3.0 V
UPC8152TA ; ICC = 5.6 mA TYP. @ VCC = 3.0 V
• Supply voltage : VCC = 2.4 to 3.3 V
• High efficiency : UPC8128TA ; PO (1 dB) = -4.0 dBm TYP. @ f = 1 GHz
UPC8151TA ; PO (1 dB) = +2.5 dBm TYP. @ f = 1 GHz
UPC8152TA ; PO (1 dB) = -4.5 dBm TYP. @ f = 1 GHz
• Power gain variation : UPC8128TA, 8151TA ; GP = 12.5 dB TYP. @ f = 1 GHz
UPC8152TA ; GP = 23.0 dB TYP. @ f = 1 GHz
• Operating frequency : 100 to 1 900 MHz (Output port LC matching)
• Excellent isolation : UPC8128TA ; ISL = 39 dB TYP. @ f = 1 GHz
: UPC8151TA ; ISL = 38 dB TYP. @ f = 1 GHz
: UPC8152TA ; ISL = 40 dB TYP. @ f = 1 GHz




Similar Part No. - UPC8152TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8152TA NEC-UPC8152TA Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8152TA-E3 NEC-UPC8152TA-E3 Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
More results


Similar Description - UPC8152TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
UPC8190K RENESAS-UPC8190K Datasheet
292Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com