Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT3G07DP Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT3G07DP Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT3G07DP
Download  74HCT3G07DP Download
File Size   209.87 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple buffer with open-drain outputs

74HCT3G07DP Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT3G07DP Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT3G07DP
Download  74HCT3G07DP Click to download

File Size   209.87 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple buffer with open-drain outputs

74HCT3G07DP Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT3G07DP Product details

1. General description
The 74HC3G07; 74HCT3G07 is a triple buffer with open-drain outputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC3G07: CMOS level
• For 74HCT3G07: TTL level
• Complies with JEDEC standard no. 7 A
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT3G07DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G07DP NXP-74HCT3G07DP Datasheet
91Kb / 13P
Triple buffer with open-drain outputs
Rev. 02-12 May 2009
logo
Nexperia B.V. All right...
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
210Kb / 12P
Triple buffer with open-drain outputs
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
74HCT3G07DP-Q100 NEXPERIA-74HCT3G07DP-Q100 Datasheet
733Kb / 13P
Triple buffer with open-drain outputs
Rev. 2 11 December 2013
74HCT3G07DP-Q100H NEXPERIA-74HCT3G07DP-Q100H Datasheet
733Kb / 13P
Triple buffer with open-drain outputs
Rev. 2 11 December 2013
More results


Similar Description - 74HCT3G07DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC3G07 TI-SN74LVC3G07 Datasheet
342Kb / 13P
TRIPLE BUFFER / DRIVER WITH OPEN DRAIN OUTPUTS
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07 Datasheet
81Kb / 8P
Triple Buffer with Open Drain Outputs
August, 2003 ??Rev. 2
NL37WZ07 ONSEMI-NL37WZ07_06 Datasheet
71Kb / 5P
Triple Buffer with Open Drain Outputs
April, 2006 ??Rev. 5
logo
NXP Semiconductors
74HC3G07 NXP-74HC3G07 Datasheet
91Kb / 13P
Triple buffer with open-drain outputs
Rev. 02-12 May 2009
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_12 Datasheet
108Kb / 5P
Triple Buffer with Open Drain Outputs
April, 2012 ??Rev. 8
logo
NXP Semiconductors
74HC_HCT3G07 PHILIPS-74HC_HCT3G07_15 Datasheet
185Kb / 14P
Triple buffer with open-drain outputs
Rev. 4-16 December 2013
logo
Nexperia B.V. All right...
74HC3G07-Q100 NEXPERIA-74HC3G07-Q100 Datasheet
210Kb / 12P
Triple buffer with open-drain outputs
logo
ON Semiconductor
NL37WZ07 ONSEMI-NL37WZ07_V01 Datasheet
158Kb / 11P
Triple Buffer with Open Drain Outputs
March, 2022 - Rev. 10
logo
Diodes Incorporated
74LVC3G07 DIODES-74LVC3G07 Datasheet
545Kb / 8P
TRIPLE BUFFER WITH OPEN DRAIN OUTPUTS
November 2022 Rev. 2 - 2
logo
Nexperia B.V. All right...
74HCT3G07-Q100 NEXPERIA-74HCT3G07-Q100 Datasheet
209Kb / 12P
Triple buffer with open-drain outputs
Rev. 3 - 24 January 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com