Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT244BQ Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT244BQ Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT244BQ
Download  74HCT244BQ Download
File Size   262.42 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74HCT244BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT244BQ Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT244BQ
Download  74HCT244BQ Click to download

File Size   262.42 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74HCT244BQ Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT244BQ Product details

1. General description
The 74HC244; 74HCT244 is an 8-bit buffer/line driver with 3-state outputs. The device can be
used as two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and
2OE), each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume
a high-impedance OFF-state. Inputs include clamp diodes that enable the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC244: CMOS level
• For 74HCT244: TTL level
• Octal bus interface
• Non-inverting 3-state outputs
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT244BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT244BQ PHILIPS-74HCT244BQ Datasheet
39Kb / 7P
Octal buffer/line driver; 3-state
December 1990
74HCT244BQ PHILIPS-74HCT244BQ Datasheet
127Kb / 22P
Octal buffer/line driver; 3-state
Rev. 03-22 December 2005
74HCT244BQ NXP-74HCT244BQ Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244BQ NXP-74HCT244BQ Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74HCT244BQ PHILIPS-74HCT244BQ Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state Rev. 4 ??24 September 2012
Rev. 4-24 September 2012
More results


Similar Description - 74HCT244BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com