Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLU120 Datasheet (PDF) - International Rectifier

IRLU120 Datasheet PDF - International Rectifier
Part # IRLU120
Download  IRLU120 Download
File Size   181.33 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRLU120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLU120 Datasheet PDF - International Rectifier

Part # IRLU120
Download  IRLU120 Click to download

File Size   181.33 Kbytes
Page   6 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET Power MOSFET

IRLU120 Datasheet (HTML) - International Rectifier


IRLU120 Product details

Description
Third Generation Power MOSFETs from International Rectifier provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
The DPAK is designed for surface mounting using vapor phase, infrared, or wave soldering techniques. The straight lead version (IRLU series) is for through-hole mounting applications. Power dissipation levels up to 1.5 watts are possible in typical surface mount applications.

• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Surface Mount (IRLR120)
• Straight Lead (IRLU120)
• Available in Tape & Reel
• Logic-Level Gate Drive
• RDS(on)Specified at VGS= 4 V & 5 V




Similar Part No. - IRLU120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLU120 IRF-IRLU120 Datasheet
173Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
logo
Vishay Siliconix
IRLU120 VISHAY-IRLU120 Datasheet
1Mb / 11P
Power MOSFET
04-Feb-13
logo
Inchange Semiconductor ...
IRLU120 ISC-IRLU120 Datasheet
341Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRLU120 VISHAY-IRLU120 Datasheet
1Mb / 13P
Power MOSFET
02-Aug-2021
logo
Inchange Semiconductor ...
IRLU120A ISC-IRLU120A Datasheet
397Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - IRLU120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com