Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA9536ADTMR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TCA9536ADTMR Datasheet PDF - Texas Instruments
Part # TCA9536ADTMR
Download  TCA9536ADTMR Download
File Size   1656.42 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers

TCA9536ADTMR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA9536ADTMR Datasheet PDF - Texas Instruments

Part # TCA9536ADTMR
Download  TCA9536ADTMR Click to download

File Size   1656.42 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers

TCA9536ADTMR Datasheet (HTML) - Texas Instruments


TCA9536ADTMR Product details

1 Features
• I2C to GPIO expander
• Operating power-supply voltage range of 1.65 V to
5.5 V
• 5-V Tolerant I/O ports
• Software Reset via I2C General Call
• Software-enabled integrated pull-up resistors on P
ports
• P3 can be repurposed as INT output
• 1-MHz Fast mode plus I2C bus
• Input and output configuration register
• Polarity inversion register
• Internal power-on reset
• Power-up with all channels configured as inputs
• Noise filter on SCL and SDA inputs
• Latched outputs with high-current drive maximum
capability for directly driving LEDs
• ESD protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 1000-V Charged-device model (C101)

2 Applications
• Personal electronics
– Wearables
– Mobile phones
– Gaming consoles
• Servers
• Routers

3 Description
The TCA9536 is a 4-bit I/O expander for the I2C bus
and is designed for 1.65-V to 5.5-V VCC operation.
It provides general-purpose remote I/O expansion for
most microcontroller families via the I2C interface.
The system controller can enable the I/Os as either
inputs or outputs by writing to the I/O configuration
register bits. The data for each input or output is
kept in the corresponding input or output register. The
polarity of the Input Port register can be inverted with
the Polarity Inversion register. There is an additional
special function register that can be used to disable
the internal pull-up resistors and P3 override to an INT
output.
The TCA9536 open-drain interrupt output (when
P3 is configured as INT in the special function
register) is activated when any input differs from its
corresponding Input Port register state and is used to
indicate to the system controller that an input state
has changed.
The system processor can reset the TCA9536 in the
event of a timeout or other improper operation by
using an I2C soft reset command, which puts the
registers in their default state.




Similar Part No. - TCA9536ADTMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9536ADTMR TI-TCA9536ADTMR Datasheet
2Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
More results


Similar Description - TCA9536ADTMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9536 TI-PCA9536 Datasheet
475Kb / 25P
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9536 TI-TCA9536 Datasheet
1Mb / 34P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
SCPS275 ??JULY 2021
TCA9536 TI-TCA9536_V01 Datasheet
1Mb / 31P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
TCA9537 TI-TCA9537 Datasheet
2Mb / 36P
TCA9537 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
FEBRUARY 2022
TCA9536 TI-TCA9536_V02 Datasheet
2Mb / 37P
TCA9536 Remote 4-Bit I2C and SMBus I/O Expander with Configuration Registers
DECEMBER 2021
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com