Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7766 Datasheet (PDF) - Analog Devices

AD7766 Datasheet PDF - Analog Devices
Part # AD7766
Download  AD7766 Download
File Size   483.27 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP

AD7766 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7766 Datasheet PDF - Analog Devices

Part # AD7766
Download  AD7766 Click to download

File Size   483.27 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit, 10mW, 125ksps Analog to Digital Converter in 16 lead TSSOP

AD7766 Datasheet (HTML) - Analog Devices


AD7766 Product details

GENERAL DESCRIPTION

The AD7766/AD7766-1/AD7766-2 are high performance, 24-bit, oversampled SAR analog-to-digital converters (ADCs). The AD7766/AD7766-1/AD7766-2 combine the benefits of a large dynamic range and input bandwidth, consuming 15 mW, 10.5 mW, and 8.5 mW power, respectively, and are contained in a 16-lead TSSOP package.



FEATURES

Oversampled successive approximation (SAR) architecture

High performance ac and dc accuracy, low power

  115.5 dB dynamic range, 32 kSPS (AD7766-2)

  112.5 dB dynamic range, 64 kSPS (AD7766-1)

  109.5 dB dynamic range, 128 kSPS (AD7766)

  −112 dB THD

Exceptionally low power

  8.5 mW, 32 kSPS (AD7766-2)

  10.5 mW, 64 kSPS (AD7766-1)

  15 mW, 128 kSPS (AD7766)

High dc accuracy

  24 bits, no missing codes (NMC)

  INL: ±6 ppm (typical), ±15 ppm (maximum)

Low temperature drift

  Zero error drift: 15 nV/°C

  Gain error drift: 0.4 ppm/°C

On-chip low-pass FIR filter

  Linear phase response

  Pass-band ripple: ±0.005 dB

  Stop-band attenuation: 100 dB

2.5 V supply with 1.8 V/2.5 V/3 V/3.6 V logic interface options

Flexible interfacing options

  Synchronization of multiple devices

  Daisy-chain capability

  Power-down function

Temperature range: −40°C to +105°C



APPLICATIONS

Low power PCI/USB data acquisition systems

Low power wireless acquisition systems

Vibration analysis

Instrumentation

High precision medical acquisition




Similar Part No. - AD7766

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7766 AD-AD7766 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7766 AD-AD7766 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
AD7766-1 AD-AD7766-1 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7766-1 AD-AD7766-1 Datasheet
4Mb / 23P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
More results


Similar Description - AD7766

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258 TI-ADS1258 Datasheet
790Kb / 47P
16-Channel, 24-Bit Analog-to-Digital Converter
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1258-EP TI-ADS1258-EP Datasheet
1Mb / 57P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1258IRTCTG4 TI1-ADS1258IRTCTG4 Datasheet
1Mb / 54P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258 TI1-ADS1258_14 Datasheet
1Mb / 55P
16-Channel, 24-Bit Analog-to-Digital Converter
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com