Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO35 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISO35 Datasheet PDF - Texas Instruments
Part # ISO35
Download  ISO35 Download
File Size   1804.82 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers

ISO35 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO35 Datasheet PDF - Texas Instruments

Part # ISO35
Download  ISO35 Click to download

File Size   1804.82 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers

ISO35 Datasheet (HTML) - Texas Instruments


ISO35 Product details

Features
Meets or Exceeds TIA/EIA RS-485 Requirements
1/8 Unit Load – Up to 256 Nodes on a Bus
Signaling Rates up to 1 Mbps
Thermal Shutdown Protection
Low Bus Capacitance – 16 pF (Typical)
50 kV/μs Typical Transient Immunity
Fail-safe Receiver for Bus Open, Short, Idle
3.3-V Inputs are 5-V Tolerant
Safety and Regulatory Approvals
– 4000-V PK VIOTM, 560-VPK VIORM per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12 and DIN
EN 61010-1
– 2500 VRMS Isolation Rating per UL 1577
– 2500 VRMS Isolation Rating per CSA CA5A and
IEC 60950-1

Applications
Security Systems
Chemical Production
Factory Automation
Motor and Motion Control
HVAC and Building Automation Networks
Networked Security Stations

Description
The ISO15 is an isolated half-duplex differential line
transceiver while the ISO35 is an isolated full-duplex differential line driver and receiver for TIA/EIA
485/422 applications. The ISO15M and ISO35M have
extended ambient temperature ratings of –55°C to
125°C while the ISO15 and ISO35 are specified over –40°C to 85°C.
These devices are ideal for long transmission lines because the ground loop is broken to allow for a
much larger common-mode voltage range. The
symmetrical barrier of the device is tested to provide
isolatlion of 4000 VPK per VDE and 2500 VRMS per UL
and CSA between the bus-line transceiver and the
logic-level interface.
Any cabled I/O can be subjected to electrical noise
transients from various sources. These noise
transients can cause damage to the transceiver
and/or nearby sensitive circuitry if they are of
sufficient magnitude and duration. These isolated
devices can significantly increase protection and
reduce the risk of damage to expensive control
circuits.




Similar Part No. - ISO35

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO35 TI-ISO35 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO35 RENESAS-ISO35 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO35DW TI-ISO35DW Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO35DW RENESAS-ISO35DW Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO35DW TI1-ISO35DW Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
More results


Similar Description - ISO35

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
10/06-Rev. A to Rev. B
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
3.3-V Full-Duplex RS-485 Transceivers
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com