Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3EZ6.2D5 Datasheet (PDF) - ON Semiconductor

3EZ6.2D5 Datasheet PDF - ON Semiconductor
Part # 3EZ6.2D5
Download  3EZ6.2D5 Download
File Size   130.62 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 Watt DO??1 Surmetic 30 Zener Voltage Regulators

3EZ6.2D5 Datasheet (PDF)

Go To PDF Page Download Datasheet
3EZ6.2D5 Datasheet PDF - ON Semiconductor

Part # 3EZ6.2D5
Download  3EZ6.2D5 Click to download

File Size   130.62 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3 Watt DO??1 Surmetic 30 Zener Voltage Regulators

3EZ6.2D5 Datasheet (HTML) - ON Semiconductor


3EZ6.2D5 Product details

This is a complete series of 3 Watt Zener diodes with limits and excellent operating characteristics that reflect the superior capabilities of silicon−oxide passivated junctions. All this in an axial−lead,
transfer−molded plastic package that offers protection in all common environmental conditions.

Features:
•Zener Voltage Range −4.3 V to 330 V
•ESD Rating of Class 3 (>16 KV) per Human Body Model
•Surge Rating of 98 W @ 1 ms
•Maximum Limits Guaranteed on up to Six Electrical Parameters
•Package No Larger than the Conventional 1 Watt Package




Similar Part No. - 3EZ6.2D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ6.2D5 EIC-3EZ6.2D5 Datasheet
37Kb / 3P
SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
3EZ6.2D5 JGD-3EZ6.2D5 Datasheet
150Kb / 2P
3W SILICON ZENER DIODE
logo
SynSemi, Inc.
3EZ6.2D5 SYNSEMI-3EZ6.2D5 Datasheet
41Kb / 3P
SILICON ZENER DIODES
logo
ON Semiconductor
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
logo
New Jersey Semi-Conduct...
3EZ6.2D5 NJSEMI-3EZ6.2D5 Datasheet
151Kb / 1P
Ref/Reg Diode, P(D) = 1W
More results


Similar Description - 3EZ6.2D5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5913B ONSEMI-1N5913B Datasheet
70Kb / 8P
3 W DO??1 Surmetic TM 30 Zener Voltage Regulators
April, 2006 ??Rev. 5
MZP4729A ONSEMI-MZP4729A_06 Datasheet
129Kb / 7P
3 Watt DO??1 Surmetic TM 30 Zener Voltage Regulators
March, 2006 ??Rev. 3
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
1N5333G ONSEMI-1N5333G Datasheet
147Kb / 7P
5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com