Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8830 Datasheet (PDF) - Exar Corporation

MP8830 Datasheet PDF - Exar Corporation
Part # MP8830
Download  MP8830 Download
File Size   290.88 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References

MP8830 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8830 Datasheet PDF - Exar Corporation

Part # MP8830
Download  MP8830 Click to download

File Size   290.88 Kbytes
Page   20 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Triple 10-bit High Speed Analog-to-Digital Converter with Digitally Controlled References

MP8830 Datasheet (HTML) - Exar Corporation


MP8830 Product details

GENERAL DESCRIPTION
The MP8830 is a simultaneous sampling 1.25 MSPS triple 10-bit A/D Converter. It provides pixel-to-pixel correction of CCD or other inputs by updating gain and offset parameters supplied from an external correction memory. Each ADC has a 9-bit DAC driving its positive reference voltage and a 6-bit DAC driving its negative reference to independently adjust the gain and offset of each channel.

FEATURES
• 3 Independent 10-bit ADCs
• Simultaneous Sampling @ 1.25 MSPS
• Independent Digitally Controlled References
• 9-bit Positive Reference and 6-bit Negative Reference Adjustment per Sample
• Low Power: 500mW (typ)
• Internal Track and Hold
• Single 5 V Supply
• Fast Mode for OCR
• AIN Input Range: 1.3 V to 2.6 V p-p
• Black Level Clamp
• Latch-Up Free
• ESD Protection: 2000 V Minimum

BENEFITS
• Pixel-to-Pixel Correction
• Improves Effective Resolution over Software Correction Schemes
• Reduced DSP/Processor Demands
• Reduction of Parts Count and System Cost

APPLICATIONS
• Precision CCD Systems
• Color and B&W Scanners
• Digital Copiers
• IR Cameras




Similar Part No. - MP8830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP88 ETC1-MP88 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
490Kb / 12P
6.5V, 150mA, Low-Noise, Low-Dropout Linear Regulator
7/19/2021 Rev. 2.0
MP8801DJ-2.5 MPS-MP8801DJ-2.5 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
More results


Similar Description - MP8830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8762 PHILIPS-TDA8762 Datasheet
162Kb / 24P
10-bit high-speed low-power analog-to-digital converter
1996 Mar 28
TDA8762A PHILIPS-TDA8762A Datasheet
150Kb / 24P
10-bit high-speed low-power analog-to-digital converter
1996 Mar 21
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
TDA8775 PHILIPS-TDA8775 Datasheet
134Kb / 16P
Triple 10-bit video Digital-to-Analog Converter DAC
1996 Aug 14
logo
Samsung semiconductor
KB2516 SAMSUNG-KB2516 Datasheet
250Kb / 30P
TRIPLE 8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL875 ETC-AL875 Datasheet
361Kb / 34P
Triple High Speed, 8-bit Analog-to-Digital Converter
logo
Siemens Semiconductor G...
SDA9205-2 SIEMENS-SDA9205-2 Datasheet
567Kb / 31P
Triple 8-Bit Analog-to-Digital-Converter
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com