|
FEATURES:
• The IDT72805LB is equivalent to two IDT72205LB 256 x 18 FIFOs
• The IDT72815LB is equivalent to two IDT72215LB 512 x 18 FIFOs
• The IDT72825LB is equivalent to two IDT72225LB 1,024 x 18 FIFOs
• The IDT72845LB is equivalent to two IDT72245LB 4,096 x 18 FIFOs
• Offers optimal combination of large capacity (8K), high speed,
design flexibility, and small footprint
• Ideal for the following applications:
- Network switching
- Two level prioritization of parallel data
- Bidirectional data transfer
- Bus-matching between 18-bit and 36-bit data paths
- Width expansion to 36-bit per package
- Depth expansion to 8,192 words per package
• 10ns read/write cycle time, 6.5ns access time
• IDT Standard or First Word Fall Through timing
• Single or double register-buffered Empty and Full Flags
|