Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD84001 Datasheet (PDF) - List of Unclassifed Manufacturers

PD84001 Datasheet PDF - List of Unclassifed Manufacturers
Part # PD84001
Download  PD84001 Download
File Size   288.66 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HF to 2000 MHz Class AB Common Source - PowerSO-10RF

PD84001 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD84001 Datasheet PDF - List of Unclassifed Manufacturers

Part # PD84001
Download  PD84001 Click to download

File Size   288.66 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HF to 2000 MHz Class AB Common Source - PowerSO-10RF

PD84001 Datasheet (HTML) - List of Unclassifed Manufacturers


PD84001 Product details

HF to 2000 MHz Class AB Common Source - PowerSO-10RF
VHF / UHF radio and digital cellular BTS applications


HF to 2000MHz class AB common source - PowerFLAT
VHF / UHF radio applications

HF to 2000MHz class AB common cource - ceramic packages
UHF TV and digital cellular BTS applications

2 to 400MHz class AB common source N channel MOSFETs
HF / SSB, FM / VHF broadband applications

2 to 30MHz class AB linear, common emitter, HF / SSB




Similar Part No. - PD84001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD84001 STMICROELECTRONICS-PD84001 Datasheet
462Kb / 18P
RF power transistor the LdmoST plastic family
25-Aug-2008
More results


Similar Description - PD84001

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FLL600IQ-2 FUJITSU-FLL600IQ-2 Datasheet
100Kb / 4P
Push-Pull Configuration, Broad Frequency Range: 800 to 2000 MHz, Suitable for class AB operation
logo
List of Unclassifed Man...
QPP-003 ETC1-QPP-003 Datasheet
43Kb / 2P
60W, 869-894 MHz Class AB Power Stage
logo
SIRENZA MICRODEVICES
SDM-09120-1Y SIRENZA-SDM-09120-1Y Datasheet
94Kb / 5P
915-960 MHz Class AB 130W Power Amplifier
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
Legacy 10 MHz to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
logo
eleflow technologies co...
2SC1945 ELEFLOW-2SC1945 Datasheet
332Kb / 4P
10 to 14 watts output power class AB amplifiers applications in HF band.
2SC1969 ELEFLOW-2SC1969 Datasheet
310Kb / 3P
10 to 14 watts output power class AB ampliflers applications in HF band.
logo
STMicroelectronics
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
15-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com