Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7283L12PAGI Datasheet (PDF) - Renesas Technology Corp

7283L12PAGI Datasheet PDF - Renesas Technology Corp
Part # 7283L12PAGI
Download  7283L12PAGI Download
File Size   114.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS DUAL ASYNCHRONOUS FIFO

7283L12PAGI Datasheet (PDF)

Go To PDF Page Download Datasheet
7283L12PAGI Datasheet PDF - Renesas Technology Corp

Part # 7283L12PAGI
Download  7283L12PAGI Click to download

File Size   114.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS DUAL ASYNCHRONOUS FIFO

7283L12PAGI Datasheet (HTML) - Renesas Technology Corp


7283L12PAGI Product details

FEATURES:
• The IDT7280 is equivalent to two IDT7200 256 x 9 FIFOs
• The IDT7281 is equivalent to two IDT7201 512 x 9 FIFOs
• The IDT7282 is equivalent to two IDT7202 1,024 x 9 FIFOs
• The IDT7283 is equivalent to two IDT7203 2,048 x 9 FIFOs
• The IDT7284 is equivalent to two IDT7204 4,096 x 9 FIFOs
• The IDT7285 is equivalent to two IDT7205 8,192 x 9 FIFOs
• Low power consumption
— Active: 685 mW (max.)
— Power-down: 83 mW (max.)
• Ultra high speed—12 ns access time
• Asynchronous and simultaneous read and write
• Offers optimal combination of data capacity, small foot print
and functional flexibility
• Ideal for bi-directional, width expansion, depth expansion,
bus-matching, and data sorting applications
• Status Flags: Empty, Half-Full, Full
• Auto-retransmit capability
• High-performance CMOS technology
• Space-saving TSSOP
• Industrial temperature range (–40°C to +85°C) is available




Similar Part No. - 7283L12PAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7283L12PAGI IDT-7283L12PAGI Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
7283L12PAGI8 IDT-7283L12PAGI8 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
More results


Similar Description - 7283L12PAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203_06 Datasheet
112Kb / 14P
CMOS ASYNCHRONOUS FIFO
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_12 Datasheet
295Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT7200L IDT-IDT7200L_17 Datasheet
139Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7203 IDT-IDT7203_17 Datasheet
143Kb / 14P
CMOS ASYNCHRONOUS FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
IDT7203 RENESAS-IDT7203 Datasheet
276Kb / 15P
CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com