Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G0832GM Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G0832GM Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G0832GM
Download  74AUP1G0832GM Download
File Size   259.62 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 3-input AND-OR gate

74AUP1G0832GM Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G0832GM Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G0832GM
Download  74AUP1G0832GM Click to download

File Size   259.62 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 3-input AND-OR gate

74AUP1G0832GM Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G0832GM Product details

1. General description
The 74AUP1G0832 is a single 3-input AND-OR gate. Schmitt-trigger action at all inputs makes the
circuit tolerant of slower input rise and fall times. This device ensures very low static and dynamic
power consumption across the entire VCC range from 0.8 V to 3.6 V. This device is fully specified
for partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• CMOS low power dissipation
• High noise immunity
• Overvoltage tolerant inputs to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Low static power consumption; ICC = 0.9 μA (maximum)
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G0832GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832GM PHILIPS-74AUP1G0832GM Datasheet
70Kb / 19P
Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
74AUP1G0832GM NXP-74AUP1G0832GM Datasheet
95Kb / 16P
Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
More results


Similar Description - 74AUP1G0832GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G0832 PHILIPS-74AUP1G0832 Datasheet
70Kb / 19P
Low-power 3-input AND-OR gate
Rev.01.00-26 January2006
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
Low-power 3-input OR gate
Rev. 02-29 February 2008
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com