Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H6B3 Datasheet (PDF) - Micro Commercial Components

H6B3 Datasheet PDF - Micro Commercial Components
Part # H6B3
Download  H6B3 Download
File Size   108.27 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 1.7 to 37.2 Volts

H6B3 Datasheet (PDF)

Go To PDF Page Download Datasheet
H6B3 Datasheet PDF - Micro Commercial Components

Part # H6B3
Download  H6B3 Click to download

File Size   108.27 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 1.7 to 37.2 Volts

H6B3 Datasheet (HTML) - Micro Commercial Components


H6B3 Product details

Features
• Low Leakage
• Low Zener Impedance
• High Reliability




Similar Part No. - H6B3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
H6B-AG TEC-H6B-AG Datasheet
185Kb / 2P
Introducing Heavy Duty Connectors (HDC)
2015/07
H6B-SGRS-M20 TEC-H6B-SGRS-M20 Datasheet
1Mb / 4P
Rectangular Connector Hoods & Bases
08/07/2021 12:41PM
logo
Guangdong Huixin Electr...
H6B65M HUIXIN-H6B65M Datasheet
1Mb / 9P
650V, 6A IGBT with soft and fast recovery anti-parallel diode
More results


Similar Description - H6B3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H11-A1 MCC-H11-A1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A2 MCC-H11-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-A3 MCC-H11-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B1 MCC-H11-B1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B2 MCC-H11-B2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H11-B3 MCC-H11-B3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A2 MCC-H12-A2 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H12-A3 MCC-H12-A3 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
H15-1 MCC-H15-1 Datasheet
465Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
LSH2A3 MCC-LSH2A3 Datasheet
390Kb / 5P
500 mW Zener Diode 1.9 to 37.2 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com