Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2016AAT/2 Datasheet (PDF) - NXP Semiconductors

TEA2016AAT/2 Datasheet PDF - NXP Semiconductors
Part # TEA2016AAT/2
Download  TEA2016AAT/2 Download
File Size   572.18 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital controller for high-efficiency resonant power supply

TEA2016AAT/2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA2016AAT/2 Datasheet PDF - NXP Semiconductors

Part # TEA2016AAT/2
Download  TEA2016AAT/2 Click to download

File Size   572.18 Kbytes
Page   59 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital controller for high-efficiency resonant power supply

TEA2016AAT/2 Datasheet (HTML) - NXP Semiconductors


TEA2016AAT/2 Product details

General description
The TEA2016AAT is a digital configurable LLC and PFC combo controller for highefficiency
resonant power supplies. It includes both the LLC controller functionality and
PFC controller operating in DCM and QR mode. The TEA2016AAT enables building a
complete resonant power supply which is easy to design and has a very low component
count. The TEA2016AAT comes in a low profile and narrow body-width SO16 package.
The TEA2016AAT digital architecture is based on a high-speed configurable hardware
state machine ensuring very reliable real-time performance. During the power supply
development, many operation and protection settings of the LLC and PFC controller
can be adjusted by loading new settings into the device to meet specific application
requirements. The configurations can be fully secured to prevent unauthorized copying of
the proprietary TEA2016AAT configuration content.
In contrast to traditional resonant topologies, the TEA2016AAT shows a very high
efficiency at low loads due to the low-power mode. This mode operates in the power
region between continuous switching (also called high-power mode) and burst mode.
Because the TEA2016AAT regulates the output voltage of the system via the primary
capacitor voltage, it has accurate information about the power delivered to the output.
This measured output power defines the mode of operation (burst mode, low-power
mode, or high-power mode). The transition levels of the operating modes can be easily
programmed into the device.
The TEA2016AAT contains all protections like overtemperature protection (OTP),
overcurrent protection (OCP), overvoltage protection (OVP), overpower protection (OPP),
open-loop protection (OLP), and capacitive mode regulation (CMR). Each of these
protections can be configured independently and accurately by programming parameters
inside the device.
The device contains both a low-voltage and high-voltage silicon technology for highvoltage
start-up, integrated drivers, level shifter, protections, and circuitry assuring zerovoltage
switching.
The TEA2016AAT/TEA2095T combination gives an easy to design, highly efficient, and
reliable power supply, providing 90 W to 500 W, with a minimum of external components.
The system provides a very low no-load input power (< 75 mW; total system including the
TEA2016AAT/TEA2095T combination) and high efficiency from minimum to maximum
load. This power supply meets the efficiency regulations of Energy Star, the Department
of Energy, the Eco-design directive of the European Union, the European Code of
Conduct, and other guidelines. So, any auxiliary low-power supply can be omitted.

Features and benefits
2.1 Distinctive features
• Complete functionality of LLC and PFC controller in single small-size SO16 package
• Integrated high-voltage start-up
• Integrated drivers and high-voltage level shifter (LS)
• High-side driver directly supplied from the low-side driver output (patent nr
82059363US01)
• Accurate boost voltage regulation
• Integrated X-capacitor discharge without additional external components
• Power good function
• Several parameters can easily be configured, like:
– Operating frequencies to be outside the audible area at all operating modes
– Soft start and soft stop in burst mode, reducing the audible noise
– Accurate transition levels between operation modes (high-power mode/low-power
mode/burst mode)
2.2 Green features
• Valley/zero voltage switching for minimum switching losses
• Extremely high efficiency from low load to high load
• Compliant with latest energy-saving standards and directives (Energy Star, EuP)
• Excellent no-load input power (< 75 mW for TEA2016AAT/TEA2095T combination)
2.3 Protection features
• Independently configurable levels and timers
• All protections can independently be set to latched, safe restart, or latched after several
attempts to restart (Patent nr. 82096505US01)
• Supply undervoltage protection (UVP)
• Overpower protection (OPP)
• Internal and external overtemperature protection (OTP)
• Capacitive mode regulation (CMR)
• Accurate overvoltage protection (OVP)
• Overcurrent protection (OCP)
• Inrush current protection (ICP)
• Brownin/brownout protection
• Disable input

Applications
• Desktop and all-in-one PCs
• Gaming power supplies
• Notebook adapter and general-purpose adapters
• Printers
• UHD LED television




Similar Part No. - TEA2016AAT/2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA2016AAT/1 NXP-TEA2016AAT/1 Datasheet
883Kb / 61P
Digital controller for high-efficiency resonant power supply
Rev. 1.3 - 12 January 2024
More results


Similar Description - TEA2016AAT/2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
Resonant Mode Power Supply Controller
logo
Sanken electric
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6700 SANKEN-STR-X6700 Datasheet
101Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Texas Instruments
UC3860N TI-UC3860N Datasheet
548Kb / 10P
Resonant Mode Power Supply Controller
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA19161CT NXP-TEA19161CT Datasheet
466Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2-26 February 2020
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com