Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV3862PYG Datasheet (PDF) - Renesas Technology Corp

74CBTLV3862PYG Datasheet PDF - Renesas Technology Corp
Part # 74CBTLV3862PYG
Download  74CBTLV3862PYG Download
File Size   252.52 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES

74CBTLV3862PYG Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3862PYG Datasheet PDF - Renesas Technology Corp

Part # 74CBTLV3862PYG
Download  74CBTLV3862PYG Click to download

File Size   252.52 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES

74CBTLV3862PYG Datasheet (HTML) - Renesas Technology Corp


74CBTLV3862PYG Product details

FEATURES:
• 5Ω A/B bi-directional switch
• Isolation Under Power-Off Conditions
• Over-voltage tolerant
• Latch-up performance exceeds 100mA
• VCC = 2.3V - 3.6V, normal range
• ESD >2000V per MIL-STD-883, Method 3015; >200V using
machine model (C = 200pF, R = 0)
• Available in SSOP, QSOP, and TSSOP packages




Similar Part No. - 74CBTLV3862PYG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74CBTLV3862PYG IDT-74CBTLV3862PYG Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
74CBTLV3862PYG8 IDT-74CBTLV3862PYG8 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
More results


Similar Description - 74CBTLV3862PYG

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3125 VAISH-VS3125 Datasheet
60Kb / 6P
Quad Bus Switch with Individual Active Low Enables
VS3V125 VAISH-VS3V125 Datasheet
62Kb / 6P
3.3V Quad Bus Switch with Individual Active Low Enables
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306 Datasheet
40Kb / 3P
2-Bit Bus Switch with Active Low Enables
logo
Integrated Device Techn...
IDTQS3R862 IDT-IDTQS3R862 Datasheet
51Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDT74CBTLVR3862 IDT-IDT74CBTLVR3862 Datasheet
68Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
IDT74CBTLV3862 IDT-IDT74CBTLV3862 Datasheet
64Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
logo
Pericom Semiconductor C...
PI5C3306 PERICOM-PI5C3306_10 Datasheet
531Kb / 4P
2-Bit Bus Switch with Active Low Enables
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3861 IDT-IDT74CBTLV3861_12 Datasheet
228Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH
IDT74CBTLV3862 IDT-IDT74CBTLV3862_14 Datasheet
97Kb / 5P
LOW-VOLTAGE 10-BIT BUS SWITCH WITH ACTIVE HIGH AND LOW ENABLES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com