Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74FCT2245CTSOG Datasheet (PDF) - Renesas Technology Corp

74FCT2245CTSOG Datasheet PDF - Renesas Technology Corp
Part # 74FCT2245CTSOG
Download  74FCT2245CTSOG Download
File Size   388.17 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

74FCT2245CTSOG Datasheet (PDF)

Go To PDF Page Download Datasheet
74FCT2245CTSOG Datasheet PDF - Renesas Technology Corp

Part # 74FCT2245CTSOG
Download  74FCT2245CTSOG Click to download

File Size   388.17 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER

74FCT2245CTSOG Datasheet (HTML) - Renesas Technology Corp


74FCT2245CTSOG Product details

FEATURES:
• A and C grades
• Low input and output leakage ≤1μA (max.)
• CMOS power levels
• True TTL input and output compatibility:
– VOH = 3.3V (typ.)
– VOL = 0.3V (typ.)
• Meets or exceeds JEDEC standard 18 specifications
• Resistor outputs -15mA IOH, 12mA IOL
• Reduced system switching noise
• Available in SOIC and QSOP packages




Similar Part No. - 74FCT2245CTSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244AT IDT-74FCT2244AT Datasheet
52Kb / 6P
FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Renesas Technology Corp
74FCT2244ATQIG RENESAS-74FCT2244ATQIG Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATQIG8 RENESAS-74FCT2244ATQIG8 Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATSOIG RENESAS-74FCT2244ATSOIG Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
74FCT2244ATSOIG8 RENESAS-74FCT2244ATSOIG8 Datasheet
208Kb / 7P
FAST CMOS OCTAL BUFFER/LINE DRIVER
NOVEMBER 2016
More results


Similar Description - 74FCT2245CTSOG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com