Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8N0SV75KC-2000CDI8 Datasheet (PDF) - Renesas Technology Corp

8N0SV75KC-2000CDI8 Datasheet PDF - Renesas Technology Corp
Part # 8N0SV75KC-2000CDI8
Download  8N0SV75KC-2000CDI8 Download
File Size   725.76 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Frequency-Programmable Crystal Oscillator

8N0SV75KC-2000CDI8 Datasheet (PDF)

Go To PDF Page Download Datasheet
8N0SV75KC-2000CDI8 Datasheet PDF - Renesas Technology Corp

Part # 8N0SV75KC-2000CDI8
Download  8N0SV75KC-2000CDI8 Click to download

File Size   725.76 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Frequency-Programmable Crystal Oscillator

8N0SV75KC-2000CDI8 Datasheet (HTML) - Renesas Technology Corp


8N0SV75KC-2000CDI8 Product details

Features
• Fourth generation FemtoClock® NG technology
• Factory-programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
• Frequency programming resolution is 218Hz and better
• One 2.5V, 3.3V LVDS clock output
• Output enable control (positive polarity), LVCMOS/LVTTL
compatible
• RMS phase jitter @ 231.25MHz (12kHz - 20MHz): 
0.48ps (typical), integer PLL feedback configuration
• RMS phase jitter @ 231.25MHz (1kHz - 40MHz): 
0.50ps (typical), integer PLL feedback configuration
• 2.5V or 3.3V supply
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) 6-pin ceramic package




Similar Part No. - 8N0SV75KC-2000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N0SV75KC-2000CDI8 RENESAS-8N0SV75KC-2000CDI8 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
More results


Similar Description - 8N0SV75KC-2000CDI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG8002CE ETC-SG8002CE Datasheet
104Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
SG8002JC ETC-SG8002JC Datasheet
19Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002JA EPSON-SG-8002JA Datasheet
33Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
List of Unclassifed Man...
SG-8002CA ETC1-SG-8002CA Datasheet
24Kb / 1P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Epson Company
SG-8002DB EPSON-SG-8002DB Datasheet
86Kb / 2P
PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Cypress Semiconductor
CY25702 CYPRESS-CY25702_09 Datasheet
220Kb / 6P
Programmable High-Frequency Crystal Oscillator
logo
Renesas Technology Corp
IDT8N3S272 RENESAS-IDT8N3S272 Datasheet
715Kb / 19P
LVPECL Frequency-Programmable Crystal Oscillator
NOVEMBER 28, 2012
IDT8N3S270 RENESAS-IDT8N3S270 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N3S270EC-1103 RENESAS-IDT8N3S270EC-1103 Datasheet
1Mb / 16P
LVPECL Frequency-Programmable Crystal Oscillator
2019
IDT8N4S270 RENESAS-IDT8N4S270 Datasheet
946Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com