Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V273L15PFG8 Datasheet (PDF) - Renesas Technology Corp

72V273L15PFG8 Datasheet PDF - Renesas Technology Corp
Part # 72V273L15PFG8
Download  72V273L15PFG8 Download
File Size   480.61 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO

72V273L15PFG8 Datasheet (PDF)

Go To PDF Page Download Datasheet
72V273L15PFG8 Datasheet PDF - Renesas Technology Corp

Part # 72V273L15PFG8
Download  72V273L15PFG8 Click to download

File Size   480.61 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO

72V273L15PFG8 Datasheet (HTML) - Renesas Technology Corp


72V273L15PFG8 Product details

FEATURES:
• Choose among the following memory organizations:
IDT72V223 ⎯ 512 x 18/1,024 x 9
IDT72V233 ⎯ 1,024 x 18/2,048 x 9
IDT72V243 ⎯ 2,048 x 18/4,096 x 9
IDT72V253 ⎯ 4,096 x 18/8,192 x 9
IDT72V263 ⎯ 8,192 x 18/16,384 x 9
IDT72V273 ⎯ 16,384 x 18/32,768 x 9
IDT72V283 ⎯ 32,768 x 18/65,536 x 9
IDT72V293 ⎯ 65,536 x 18/131,072 x 9
• Functionally compatible with the IDT72V255LA/72V265LA and
IDT72V275/72V285 SuperSync FIFOs
• Up to 166 MHz Operation of the Clocks
• User selectable Asynchronous read and/or write ports (BGA Only)
• User selectable input and output port bus-sizing
- x9 in to x9 out
- x9 in to x18 out
- x18 in to x9 out
- x18 in to x18 out
• Pin to Pin compatible to the higher density of IDT72V2103/72V2113
• Big-Endian/Little-Endian user selectable byte representation
• 5V tolerant inputs
• Fixed, low first word latency




Similar Part No. - 72V273L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V271LA10PFG IDT-72V271LA10PFG Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V271LA10PFG8 IDT-72V271LA10PFG8 Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V271LA10PFGI IDT-72V271LA10PFGI Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V271LA10PFGI8 IDT-72V271LA10PFGI8 Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
72V271LA10TFG IDT-72V271LA10TFG Datasheet
361Kb / 27P
3.3 VOLT CMOS SuperSync FIFO
More results


Similar Description - 72V273L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com