Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V49EE702NDGI Datasheet (PDF) - Renesas Technology Corp

5V49EE702NDGI Datasheet PDF - Renesas Technology Corp
Part # 5V49EE702NDGI
Download  5V49EE702NDGI Download
File Size   585.72 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

5V49EE702NDGI Datasheet (PDF)

Go To PDF Page Download Datasheet
5V49EE702NDGI Datasheet PDF - Renesas Technology Corp

Part # 5V49EE702NDGI
Download  5V49EE702NDGI Click to download

File Size   585.72 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description EEPROM PROGRAMMABLE CLOCK GENERATOR

5V49EE702NDGI Datasheet (HTML) - Renesas Technology Corp


5V49EE702NDGI Product details

Features
• Four internal PLLs
• Internal non-volatile EEPROM
• Fast (400kHz) mode I2C serial interface
• Input frequency range: 1 MHz to 200 MHz
• Output frequency range: 4.9 kHz to 500 MHz
• Reference crystal input with programmable linear load
capacitance
– Crystal frequency range: 8 MHz to 50 MHz
• Three independently controlled VDDO (1.8V - 3.3V)
• Each PLL has a 7-bit reference divider and a 12-bit
feedback-divider
• 8-bit output-divider blocks
• Fractional division capability on one PLL
• Two of the PLLs support spread spectrum generation
capability
• I/O Standards:
– Outputs - 1.8 - 3.3 V LVTTL/ LVCMOS
– Outputs - LVPECL, LVDS and HCSL
– Inputs - 3.3 V LVTTL/ LVCMOS
• Programmable slew rate control
• Programmable loop bandwidth
• Programmable output inversion to reduce bimodal jitter
• Redundant clock inputs with auto and manual switchover
options
• Individual output enable/disable
• Power-down mode
• 3.3V core VDD
• Available in VFQFPN package
• -40 to +85 C Industrial Temp operation




Similar Part No. - 5V49EE702NDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V49EE702NDGI IDT-5V49EE702NDGI Datasheet
702Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
5V49EE702NDGI IDT-5V49EE702NDGI Datasheet
362Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
5V49EE702NDGI8 IDT-5V49EE702NDGI8 Datasheet
702Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
5V49EE702NDGI8 IDT-5V49EE702NDGI8 Datasheet
362Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Similar Description - 5V49EE702NDGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE504 IDT-IDT5V49EE504_15 Datasheet
328Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com