Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR91 Datasheet (PDF) - List of Unclassifed Manufacturers

BFR91 Datasheet PDF - List of Unclassifed Manufacturers
Part # BFR91
Download  BFR91 Download
File Size   50.52 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The RF Line NPN Silicon High-Frequency Transistor

BFR91 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFR91 Datasheet PDF - List of Unclassifed Manufacturers

Part # BFR91
Download  BFR91 Click to download

File Size   50.52 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description The RF Line NPN Silicon High-Frequency Transistor

BFR91 Datasheet (HTML) - List of Unclassifed Manufacturers


BFR91 Product details

[PLANETA]

DESCRIPTION
The BFR91 is an NPN silicon epitaxial transistor designed for low noise amplifier at VHF, UHF and CATV band.
It has dynamic range and good current characteristic.
This small-signal plastic transistor offers superior quality and performance at low cost.

FEATURES
➤ High Gain-Bandwidth Products
    fT=5.0 GHz (Typ) @ 30 mA
➤ Low Noise Figure
    NF=1.9 dB (Typ) @ 500 MHz
➤ High Gain
    GPS= 18.0 dB (Typ) @ 500 MHz




Similar Part No. - BFR91

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFR91 VISHAY-BFR91 Datasheet
112Kb / 8P
Silicon NPN Planar RF Transistor
20-Jan-99
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
List of Unclassifed Man...
BFR91 ETC2-BFR91 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Vishay Siliconix
BFR91A VISHAY-BFR91A Datasheet
112Kb / 8P
Silicon NPN Planar RF Transistor
20-Jan-99
More results


Similar Description - BFR91

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR930L MOTOROLA-MMBR930L Datasheet
46Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MMBR931LT3 MOTOROLA-MMBR931LT3 Datasheet
45Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
logo
List of Unclassifed Man...
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587 Datasheet
341Kb / 12P
The RF Line NPN Silicon High Frequency Transistor
MRF313 MA-COM-MRF313_15 Datasheet
113Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
MRF587 MA-COM-MRF587_17 Datasheet
859Kb / 13P
The RF Line NPN Silicon High Frequency Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com