Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCSD-13-D-01-F-N-SR Datasheet (PDF) - Samtec, Inc

TCSD-13-D-01-F-N-SR Datasheet PDF - Samtec, Inc
Part # TCSD-13-D-01-F-N-SR
Download  TCSD-13-D-01-F-N-SR Download
File Size   301.8 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH

TCSD-13-D-01-F-N-SR Datasheet (PDF)

Go To PDF Page Download Datasheet
TCSD-13-D-01-F-N-SR Datasheet PDF - Samtec, Inc

Part # TCSD-13-D-01-F-N-SR
Download  TCSD-13-D-01-F-N-SR Click to download

File Size   301.8 Kbytes
Page   1 Pages
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc
Description TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH

TCSD-13-D-01-F-N-SR Datasheet (HTML) - Samtec, Inc




Similar Part No. - TCSD-13-D-01-F-N-SR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TCSD-10-D-12.00-01-N SAMTEC-TCSD-10-D-12.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-15-01-N SAMTEC-TCSD-15-01-N Datasheet
118Kb / 1P
2mm female idc assembly
More results


Similar Description - TCSD-13-D-01-F-N-SR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FFMD-05-01 SAMTEC-FFMD-05-01 Datasheet
192Kb / 1P
TIGER EYE??FLAT IDC WIRE CABLES
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-10-D-12.00-01-N SAMTEC-TCSD-10-D-12.00-01-N Datasheet
185Kb / 1P
TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
TIGER EYE IDC SOCKET CABLE
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
FFSD SAMTEC-FFSD Datasheet
275Kb / 1P
TIGER EYE™ FLAT IDC WIRE CABLES (1.27 mm) .050" PITCH
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com