Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3010ER-QX Datasheet (PDF) - Nexperia B.V. All rights reserved

PMEG3010ER-QX Datasheet PDF - Nexperia B.V. All rights reserved
Part # PMEG3010ER-QX
Download  PMEG3010ER-QX Download
File Size   259.76 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 1 A low VF MEGA Schottky barrier rectifier

PMEG3010ER-QX Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3010ER-QX Datasheet PDF - Nexperia B.V. All rights reserved

Part # PMEG3010ER-QX
Download  PMEG3010ER-QX Click to download

File Size   259.76 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 30 V, 1 A low VF MEGA Schottky barrier rectifier

PMEG3010ER-QX Datasheet (HTML) - Nexperia B.V. All rights reserved


PMEG3010ER-QX Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection, encapsulated in a SOD123W small and flat lead Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 1 A
• Reverse voltage: VR ≤ 30 V
• Low forward voltage
• High power capability due to clip-bond technology
• Small and flat lead SMD plastic package
• Suitable for both reflow and wave soldering
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low voltage rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - PMEG3010ER-QX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
logo
Nexperia B.V. All right...
PMEG3010ER NEXPERIA-PMEG3010ER Datasheet
1Mb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
logo
NXP Semiconductors
PMEG3010ER PHILIPS-PMEG3010ER_15 Datasheet
97Kb / 13P
1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results


Similar Description - PMEG3010ER-QX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3010AESA PHILIPS-PMEG3010AESA_15 Datasheet
210Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
3 August 2015
PMEG3010AESB PHILIPS-PMEG3010AESB_15 Datasheet
206Kb / 14P
30 V, 1 A low VF MEGA Schottky barrier rectifier
18 June 2015
PMEG3010ESB PHILIPS-PMEG3010ESB_15 Datasheet
202Kb / 14P
30 V, 1 A low VF MEGA Schottky barrier rectifier
1 July 2015
PMEG3020EPAS PHILIPS-PMEG3020EPAS_15 Datasheet
229Kb / 15P
30 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
logo
Nexperia B.V. All right...
PMEG3010EGW NEXPERIA-PMEG3010EGW Datasheet
683Kb / 12P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010AESA NEXPERIA-PMEG3010AESA Datasheet
745Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010AESB NEXPERIA-PMEG3010AESB Datasheet
701Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010ESB NEXPERIA-PMEG3010ESB Datasheet
698Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010EP-Q NEXPERIA-PMEG3010EP-Q Datasheet
253Kb / 13P
30 V, 1 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com