Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APR404/D Datasheet (PDF) - NXP Semiconductors

APR404/D Datasheet PDF - NXP Semiconductors
Part # APR404/D
Download  APR404/D Download
File Size   1093.72 Kbytes
Page   101 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-BIT DIGITAL SIGNAL PROCESSOR

APR404/D Datasheet (PDF)

Go To PDF Page Download Datasheet
APR404/D Datasheet PDF - NXP Semiconductors

Part # APR404/D
Download  APR404/D Click to download

File Size   1093.72 Kbytes
Page   101 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 24-BIT DIGITAL SIGNAL PROCESSOR

APR404/D Datasheet (HTML) - NXP Semiconductors


APR404/D Product details

FEATURES
Digital Signal Processing Core
• Efficient, object code compatible, 24-bit 56000 family DSP engine
• Up to 16.5 Million Instructions Per Second (MIPS)—60.6 ns instruction cycle at 33 MHz
• Up to 99 Million Operations Per Second (MOPS) at 33 MHz
• Executes a 1024-point complex Fast Fourier Transform (FFT) in 59,898 clocks
• Highly parallel instruction set with unique DSP addressing modes
• Two 56-bit accumulators including extension byte
• Parallel 24x24-bit multiply-accumulate in 1 instruction cycle (2 clock cycles)
• Double precision 48x48-bit multiply with 96-bit result in 6 instruction cycles
• 56-bit addition/subtraction in 1 instruction cycle
• Fractional arithmetic with support for multiprecision arithmetic
• Hardware support for block-floating point FFT
• Hardware nested DO loops
• Zero-overhead fast interrupts (2 instruction cycles)
• Four 24-bit internal data buses and three 16-bit internal address buses for maximum
information transfer on-chip
Memory
• On-chip modified Harvard architecture permitting simultaneous accesses to program
and two data memories
• 512x24-bit on-chip Program RAM and 64x24-bit bootstrap ROM
• Two 256x24-bit on-chip data RAMs
• Two 256x24-bit on-chip data ROMs containing sine, A-law and
u-law tables
• External memory expansion with 16-bit address and 24-bit data buses
• Bootstrap loading from external data bus or Host Interface




Similar Part No. - APR404/D

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
APR40-40-12CB CTS-APR40-40-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-12CB CTS-APR40-40-12CB Datasheet
200Kb / 1P
Forged Heat Skins With Pin Fins
APR40-40-12CB/S CTS-APR40-40-12CB/S Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-15CB CTS-APR40-40-15CB Datasheet
166Kb / 3P
Forged Heat Sinks
APR40-40-15CB CTS-APR40-40-15CB Datasheet
200Kb / 1P
Forged Heat Skins With Pin Fins
More results


Similar Description - APR404/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com