Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

885392005114 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

885392005114 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 885392005114
Download  885392005114 Download
File Size   509.13 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-CSRF High Frequency MLCC

885392005114 Datasheet (PDF)

Go To PDF Page Download Datasheet
885392005114 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 885392005114
Download  885392005114 Click to download

File Size   509.13 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WCAP-CSRF High Frequency MLCC

885392005114 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


885392005114 Product details

General Information:
High Frequency MLCC
Ceramic Type NP0 Class I
Temperature Coefficient ± 30 ppm/ °C max.
Operating Temperature -55 up to +125 °C
Storage Conditions
(in original packaging) 5 °C up to + 35 °C; 10 % up to 75 % RH
Moisture Sensitivity Level (MSL) 1
Dielectric Strength 5 sec. @250 % VR; Charge & Discharge Current <50 mA
Test conditions of Electrical Properties: +20 °C, 35 % RH if not specified differently
FIT according to separate documentation




Similar Part No. - 885392005114

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885392005110 WURTH-885392005110 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005116 WURTH-885392005116 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
More results


Similar Description - 885392005114

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
885392005010 WURTH-885392005010 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004003 WURTH-885392004003 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004010 WURTH-885392004010 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005006 WURTH-885392005006 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005013 WURTH-885392005013 Datasheet
394Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392004007 WURTH-885392004007 Datasheet
393Kb / 7P
WCAP-CSRF High Frequency MLCC
001.000
885392005019 WURTH-885392005019 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005032 WURTH-885392005032 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005110 WURTH-885392005110 Datasheet
509Kb / 8P
WCAP-CSRF High Frequency MLCC
001.000
885392005130 WURTH-885392005130 Datasheet
695Kb / 8P
WCAP-CSRF High Frequency MLCC
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com