Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

101185702 Datasheet (PDF) - Integrated Power Designs Inc.

101185702 Datasheet PDF - Integrated Power Designs Inc.
Part # 101185702
Download  101185702 Download
File Size   486.44 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description MULTI OUTPUT AC-DC

101185702 Datasheet (PDF)

Go To PDF Page Download Datasheet
101185702 Datasheet PDF - Integrated Power Designs Inc.

Part # 101185702
Download  101185702 Click to download

File Size   486.44 Kbytes
Page   2 Pages
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.
Description MULTI OUTPUT AC-DC

101185702 Datasheet (HTML) - Integrated Power Designs Inc.


101185702 Product details

FEATURES:
• Compact 4.0” x 7.0” x 1.5” Size
• 3 Year Warranty
• Universal 85-264V Input
• 2-4 Regulated & Adjustable Outputs
• 90% Peak/87% Average Efficiency
• <300mW No Load Input Power
• -20 to +70°C Operating Temperature
• RoHS Compliant
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 60950-1 2nd ed. ITE Certification
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• Optional 5V/2A Standby Output
• Optional Remote Inhibit/Enable
• Optional Chassis/Cover




Similar Part No. - 101185702

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
101185097 SCHMERSAL-101185097 Datasheet
8Mb / 124P
Command and signalling devices
101185098 SCHMERSAL-101185098 Datasheet
8Mb / 124P
Command and signalling devices
More results


Similar Description - 101185702

ManufacturerPart #DatasheetDescription
logo
Power-One
HP6-X4X8D4D-O POWER-ONE-HP6-X4X8D4D-O Datasheet
145Kb / 4P
Multi-Output AC-DC Front End
logo
Integrated Power Design...
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
GRN-45 IPDPOWER-GRN-45 Datasheet
386Kb / 2P
45 WATTS MULTI OUTPUT AC-DC
REV. X 10/9/2022
GRN-80M IPDPOWER-GRN-80M Datasheet
399Kb / 2P
80 WATTS MULTI OUTPUT AC-DC
REV. Y 10/6/2022
GRN-110M IPDPOWER-GRN-110M Datasheet
385Kb / 2P
110 WATTS MULTI OUTPUT AC-DC
GRN-200-FN IPDPOWER-GRN-200-FN Datasheet
356Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
GRN-200 IPDPOWER-GRN-200 Datasheet
438Kb / 2P
200 WATTS MULTI OUTPUT AC-DC
NXT-400M-FN IPDPOWER-NXT-400M-FN Datasheet
376Kb / 2P
400 WATTS MULTI OUTPUT AC-DC
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT AC-DC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com