Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYP58 Datasheet (PDF) - Diodes Incorporated

BYP58 Datasheet PDF - Diodes Incorporated
Part # BYP58
Download  BYP58 Download
File Size   436.53 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 35A SILICON POWER RECTIFIER DIODE

BYP58 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYP58 Datasheet PDF - Diodes Incorporated

Part # BYP58
Download  BYP58 Click to download

File Size   436.53 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 35A SILICON POWER RECTIFIER DIODE

BYP58 Datasheet (HTML) - Diodes Incorporated


BYP58 Product details

Features
- Forward current 35A
- Reverse voltage 75V - 800V
- Hermetic press-fit package
- Available in different modifications of the package

Applications
- Power supplies
- Rectifler diode in car generators
- Rectifler bridges/stacks
- Back-off-diodes




Similar Part No. - BYP58

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BYP58 ZETEX-BYP58 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYP58-100 ZETEX-BYP58-100 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYP58-150 ZETEX-BYP58-150 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYP58-200 ZETEX-BYP58-200 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYP58-300 ZETEX-BYP58-300 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
More results


Similar Description - BYP58

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5390 NTE-NTE5390 Datasheet
20Kb / 2P
Silicon Bridge Rectifier, 35A
logo
Zetex Semiconductors
BYP53 ZETEX-BYP53 Datasheet
192Kb / 5P
25A Silicon Power Rectifier Diode
BYP57 ZETEX-BYP57 Datasheet
192Kb / 5P
35A Silicon Power Rectifier Diode
BYY53 ZETEX-BYY53 Datasheet
213Kb / 6P
25A Silicon Power Rectifier Diode
BYY57 ZETEX-BYY57 Datasheet
212Kb / 5P
35A Silicon Power Rectifier Diode
BYY57A ZETEX-BYY57A Datasheet
203Kb / 5P
50A Silicon Power Rectifier Diode
logo
Naina Semiconductor ltd...
MBR3520 NAINA-MBR3520 Datasheet
123Kb / 2P
Schottky Power Diode, 35A
MBR3545 NAINA-MBR3545 Datasheet
124Kb / 2P
Schottky Power Diode, 35A
logo
New Jersey Semi-Conduct...
WW5980 NJSEMI-WW5980 Datasheet
111Kb / 3P
Silicon Power Rectifier Diode, 40Amp
logo
FutureWafer Tech Co.,Lt...
GBJ3504A FUTUREWAFER-GBJ3504A Datasheet
829Kb / 4P
35A Bridge Rectifier
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com