Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200030 Datasheet (PDF) - Renesas Technology Corp

200030 Datasheet PDF - Renesas Technology Corp
Part # 200030
Download  200030 Download
File Size   346.14 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Gate Driver

200030 Datasheet (PDF)

Go To PDF Page Download Datasheet
200030 Datasheet PDF - Renesas Technology Corp

Part # 200030
Download  200030 Click to download

File Size   346.14 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Gate Driver

200030 Datasheet (HTML) - Renesas Technology Corp


200030 Product details

Features
• 12 V Power supply
• Drain Voltage Range 1.0 V to 20 V
• Internal Gate Voltage Charge Pump
• Controlled Turn on Delay
• Controlled Load Discharge Rate
• Controlled Turn on Slew Rate
• 2mm x 2mm TDFN-8 Package
• Pb-Free / Halogen-Free / RoHS compliant
Applications
• Power Rail Switches
• Hot Plugging Applications
• Soft Switching
• Personal computers and Servers
• Data Communications Equipment




Similar Part No. - 200030

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2000320000 WEIDMULLER-2000320000 Datasheet
570Kb / 6P
SL 5.08HC/04/90F 3.2SN OR BX CO
logo
Clarke International
2000337 CLARKE-2000337 Datasheet
3Mb / 16P
POWER WASHER
LS0818 - ISS 10
logo
Dialight Corporation
20003AB DIALIGHT-20003AB Datasheet
1Mb / 4P
LED Bus Lighting
More results


Similar Description - 200030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2110 IRF-IR2110_1 Datasheet
9Mb / 24P
HIGH VOLTAGE MOS GATE DRIVER
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
High voltage gate driver IC
Revision 2.6, 05.08.2016
6ED003L06-F2 INFINEON-6ED003L06-F2_16 Datasheet
746Kb / 20P
High voltage gate driver IC
Revision 2.8, 05.08.2016
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
High voltage gate driver IC
Revision 2.2, 01.06.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
High voltage gate driver IC
Revision 2.6, 01.06.2016
logo
Dialog Semiconductor
SLG55021-200010 DIALOG-SLG55021-200010 Datasheet
231Kb / 8P
GreenFETTM High Voltage Gate Driver
SLG55022-200030 DIALOG-SLG55022-200030 Datasheet
256Kb / 9P
GreenFETTM High Voltage Gate Driver
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
High Voltage Gate Driver
February 9, 2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com