Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6059 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6059 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6059
Download  2N6059 Download
File Size   294.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlingtion Power Transistor

2N6059 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6059 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6059
Download  2N6059 Click to download

File Size   294.98 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon NPN Darlingtion Power Transistor

2N6059 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6059 Product details

DESCRIPTION
·Built-in Base-Emitter Shunt Resistors
·High DC current gainhFE
= 300 (Min) @ IC = 5A
·Collector-Emitter Sustaining Voltage-
VCEO(SUS)= 80V(Min)
·Minimum Lot-to-Lot variations for robust device
performance and reliable operation

APPLICATIONS
·Designed for general purpose amplifier and low frequency
switching applications.




Similar Part No. - 2N6059

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6059 MOSPEC-2N6059 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
ON Semiconductor
2N6059 ONSEMI-2N6059 Datasheet
190Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
March, 2001 ??Rev. 2
logo
STMicroelectronics
2N6059 STMICROELECTRONICS-2N6059 Datasheet
64Kb / 4P
SILICON NPN POWER DARLINGTON TRANSISTOR
Jun-1997
logo
Boca Semiconductor Corp...
2N6059 BOCA-2N6059 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
Microsemi Corporation
2N6059 MICROSEMI-2N6059 Datasheet
65Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
More results


Similar Description - 2N6059

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD803 ISC-2SD803 Datasheet
68Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
MJ3040 ISC-MJ3040 Datasheet
211Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
MJ3042 ISC-MJ3042 Datasheet
211Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
PMD10K60 ISC-PMD10K60 Datasheet
215Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
PMD10K100 ISC-PMD10K100 Datasheet
215Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD469 ISC-2SD469 Datasheet
184Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
BD263 ISC-BD263 Datasheet
187Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD504 ISC-2SD504 Datasheet
258Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2SD506 ISC-2SD506 Datasheet
258Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
2N6282 ISC-2N6282 Datasheet
267Kb / 2P
isc Silicon NPN Darlingtion Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com