Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP050IP Datasheet (PDF) - Renesas Technology Corp

HIP050IP Datasheet PDF - Renesas Technology Corp
Part # HIP050IP
Download  HIP050IP Download
File Size   456.74 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag

HIP050IP Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP050IP Datasheet PDF - Renesas Technology Corp

Part # HIP050IP
Download  HIP050IP Click to download

File Size   456.74 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag

HIP050IP Datasheet (HTML) - Renesas Technology Corp


HIP050IP Product details

Features
• Octal NDMOS Output Drivers in a High Voltage
Power BiMOS Process
- Each Capable of Sinking 300mA
- Low Idle and Standby Current
• Over-Stress Protection - Each Output:
- Over-Current Latch Off . . . . . . . . . 300mA Min
- Over-Voltage Clamp . . . . . . . . . . . . . . . 50V Typ
• Thermal Shutdown with Hysteresis
• Serial Data Input, Parallel Output Power Drive
• Short Circuit Latch Off for Each Output
• Common Enable for Output Drivers and
Data Storage Register
• Ambient Operating
Temperature Range. . . . . . . . . . . . .-40oC to 85oC
- Optional 125oC Maximum Ambient Operating
Temperature Range (Dissipation Limited)
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and P Controlled Drivers
• Robotic Controls




Similar Part No. - HIP050IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP050IP INTERSIL-HIP050IP Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
More results


Similar Description - HIP050IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
Fault Flag Reporting
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com