| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
2PD602ASL
|
57Kb / 9P |
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008 |
|
2PB710ARL
|
64Kb / 9P |
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008 |
|
BC817
|
245Kb / 19P |
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009 |
 Nexperia B.V. All right... |
2PB710AXL
|
615Kb / 9P |
50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008 |
|
2PD602AXL
|
614Kb / 9P |
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008 |
|
BC816_SER
|
249Kb / 12P |
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019 |
|
BC817-25QA
|
879Kb / 15P |
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013 |
|
BC817QB-Q_SER
|
331Kb / 14P |
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021 |
|
BC817QC-Q_SER
|
334Kb / 14P |
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021 |
|
2PB710ASL-Q
|
183Kb / 8P |
50 V, 500 mA PNP general-purpose transistors
3 January 2022 |