Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMC50J6.0A Datasheet (PDF) - STMicroelectronics

SMC50J6.0A Datasheet PDF - STMicroelectronics
Part # SMC50J6.0A
Download  SMC50J6.0A Download
File Size   484.31 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5000 W TVS in SMC

SMC50J6.0A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC50J6.0A Datasheet PDF - STMicroelectronics

Part # SMC50J6.0A
Download  SMC50J6.0A Click to download

File Size   484.31 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5000 W TVS in SMC

SMC50J6.0A Datasheet (HTML) - STMicroelectronics


SMC50J6.0A Product details

Features
• Peak pulse power:
– 5000 W (10/1000 μs)
– up to 48 kW (8/20 μs)
• Stand-off voltage range from 5 V to 100 V
• Unidirectional type
• Low leakage current: 0.2 μA at 25 °C
• Operating Tj max: 175 °C
• JEDEC registered package outline
• Resin meets UL94, V0
• Lead finishing: matte tin plating

Description
The SMC50J TVS series are designed to protect sensitive equipment against
electrostatic discharges according to IEC 61000-4-2, MIL STD 883 Method 3015,
and electrical overstress such as IEC 61000-4-4 and 5. They are used for surges
below 5000 W 10/1000 μs.
This planar technology makes it compatible with high-end equipment and SMPS
where low leakage current and high junction temperature are required to provide
reliability and stability over time.




Similar Part No. - SMC50J6.0A

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMC500PS03-C XPPOWER-SMC500PS03-C Datasheet
191Kb / 4P
AC-DC Power Supplies
SMC500PS05-C XPPOWER-SMC500PS05-C Datasheet
191Kb / 4P
AC-DC Power Supplies
SMC500PS12-C XPPOWER-SMC500PS12-C Datasheet
191Kb / 4P
AC-DC Power Supplies
SMC500PS15-C XPPOWER-SMC500PS15-C Datasheet
191Kb / 4P
AC-DC Power Supplies
SMC500PS18-C XPPOWER-SMC500PS18-C Datasheet
191Kb / 4P
AC-DC Power Supplies
More results


Similar Description - SMC50J6.0A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PAM25DF25K33 PROTEC-PAM25DF25K33 Datasheet
515Kb / 6P
5000 watt TVS Comp onent
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
logo
STMicroelectronics
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMB6FXXA STMICROELECTRONICS-SMB6FXXA Datasheet
681Kb / 13P
600 W TVS in SMB Flat
14-Oct-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
logo
Protek Devices
PAM33DOABXXA PROTEC-PAM33DOABXXA Datasheet
496Kb / 7P
5000 Watt TVS Component
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com