Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL2MOS5101EV Datasheet (PDF) - NXP Semiconductors

SL2MOS5101EV Datasheet PDF - NXP Semiconductors
Part # SL2MOS5101EV
Download  SL2MOS5101EV Download
File Size   830.5 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I•CODE SLI-L/I•CODE SLI-L HC

SL2MOS5101EV Datasheet (PDF)

Go To PDF Page Download Datasheet
SL2MOS5101EV Datasheet PDF - NXP Semiconductors

Part # SL2MOS5101EV
Download  SL2MOS5101EV Click to download

File Size   830.5 Kbytes
Page   28 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I•CODE SLI-L/I•CODE SLI-L HC

SL2MOS5101EV Datasheet (HTML) - NXP Semiconductors


SL2MOS5101EV Product details

General description
The I•CODE SLI-L/I•CODE SLI-L HC IC is a dedicated chip for smart label applications
with the need for a leaner custom-specific command set, smaller memory and/or a
product which takes care of the increasing demand for perfect customer privacy. This IC is
another member of our product family of smart label ICs that fully comply to the ISO
standard ISO/IEC 15693. The IC is also available in high capacitance version for small
label designs.
The I•CODE system offers the possibility of operating more than one label simultaneously
in the field of the reader antenna (Anticollision). It is designed for long range applications
with a special command for the use under the European regulations.
1.1 Anticollision
An intelligent anticollision function allows to operate more than one tag in the field
simultaneously. The anticollision algorithm selects each tag individually and ensures that
the execution of a transaction with a selected tag is performed correctly without data
corruption resulting from other tags in the field.
1.2 Contactless energy and data transfer
Whenever connected to a very simple and cheap type of antenna (as a result of the
13.56 MHz carrier frequency) made out of a few windings printed, winded, etched or
punched coil the I•CODE SLI-L/I•CODE SLI-L HC IC can be operated without line of sight
up to a distance of 1.5 m (gate width). No battery is needed. When the smart label is
positioned in the field of an interrogator antenna, the high speed RF communication
interface allows to transmit data with up to 53 kbit/s.
1.3 Security and privacy aspects
1. Unique Identifier (UID)
The UID can not be altered and guarantees the uniqueness of each label.
2. Password protected Label Destroy
With the 32-bit destroy password an addressed label can be destroyed with the
Destroy command. That status is irreversible and the label will never respond to any
command again.
3. Password protected Privacy Mode
With the 32-bit Privacy password a label can be set to the Privacy mode with the Set
to Privacy Mode command. In that mode the label will not respond to any command
except of the command Get Random Number till it receives again the right Privacy
password. That mode is especially designed to meet the increasing demand to take
care of the customers privacy.
4. Password protected EAS Functionality
With the 32-bit EAS password the addressed label can be set in a mode that the
commands Set EAS and Reset EAS are only executed by the label if the right EAS
password is transmitted to the label within the mentioned commands.
2.1 I•CODE SLI-L RF interface
- Contactless transmission of data and supply energy (no battery needed)
- Operating distance: up to 1.5 m (depending on antenna geometry)
- Operating frequency: 13.56 MHz (ISM, world-wide licence free available)
- I•CODE SLI- L Functionality (ISO/IEC 15693)
- Fast data transfer: up to 53 kbit/s
- High data integrity: 16-bit CRC, framing
- True anti-collision
- Additional fast anti-collision read
- Password protected Electronic Article Surveillance (EAS) incl. application selection
- Application Family Identifier (AFI) supported
- Data Storage Format Identifier (DSFID)
- Privacy command with 32-bit Privacy password
- Destroy command with 32-bit Destroy password
- Long Range Command
- Write distance equal to read distance
2.2 EEPROM
- Data retention of 10 years
- Write endurance 100.000 cycles
2.3 Security features
- Unique identifier for each device
- Lock mechanism for each user memory block (write protection)
- Lock mechanism for DSFID, AFI, EAS
- Password (32-bit) protected Label Destroy
- Password (32-bit) protected Privacy Mode
- Password (32-bit) protected EAS Functionality

Applications
- Factory Automation
- Industrial and Laundry
- Asset Management
- Libraries and Rental




Similar Part No. - SL2MOS5101EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SL2MOS5301EV NXP-SL2MOS5301EV Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
SL2MOS5401EV PHILIPS-SL2MOS5401EV Datasheet
200Kb / 6P
Addendum contactless chip card module specification
Rev. 3.0-15 January 2009
SL2MOS5401EV NXP-SL2MOS5401EV Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results


Similar Description - SL2MOS5101EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SLRM900 PHILIPS-SLRM900 Datasheet
84Kb / 16P
I-CODE Long range reader module hardware
2002 May 24
SLEV900 PHILIPS-SLEV900 Datasheet
145Kb / 16P
I-CODE Evaluation kit
2002 May 23
logo
Rohm
SLR343BD2T ROHM-SLR343BD2T Datasheet
128Kb / 3P
High brightness (SLR343/SLI-343 series) Low power consumption (SLI-343(W) series)
SLI-343DC3F ROHM-SLI-343DC3F Datasheet
139Kb / 4P
SLI-343 Series
SLI-343URCT32 ROHM-SLI-343URCT32 Datasheet
138Kb / 5P
SLI-343 Series
SLI-560X ROHM-SLI-560X Datasheet
982Kb / 12P
SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
logo
NorComp
858-LP5-103RLS4 NORCOMP-858-LP5-103RLS4 Datasheet
75Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.4 08/01/2018
858-LP5-203RLS4 NORCOMP-858-LP5-203RLS4 Datasheet
90Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-L CODE-5POSITION
REV.5 08/01/2018
logo
NXP Semiconductors
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
SL2ICS53 NXP-SL2ICS53 Datasheet
992Kb / 33P
I•CODE SLI-S/I•CODE SLI-S HC
Rev. 3.0 - 14 March 2007
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com