Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNI2140 Datasheet (PDF) - STMicroelectronics

VNI2140 Datasheet PDF - STMicroelectronics
Part # VNI2140
Download  VNI2140 Download
File Size   1456.08 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual high-side smart power solid state relay

VNI2140 Datasheet (PDF)

Go To PDF Page Download Datasheet
VNI2140 Datasheet PDF - STMicroelectronics

Part # VNI2140
Download  VNI2140 Click to download

File Size   1456.08 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual high-side smart power solid state relay

VNI2140 Datasheet (HTML) - STMicroelectronics


VNI2140 Product details

Features
• Nominal current: 0.75 A per channel
• Shorted-load protections
• Junction overtemperature protection
• Case overtemperature protection for thermal independence of the channels
• Thermal case shutdown restart not simultaneous for the various channels
• Protection against loss of ground
• Current limitation 1 A per channel
• Undervoltage shutdown
• Open-load in OFF-state and short to VCC detection
• Open-drain diagnostic outputs
• 3.3 V CMOS/TTL compatible inputs
• Fast demagnetization of inductive loads
• Conforms to IEC 61131-2

Applications
• Programmable logic control
• Industrial PC peripheral input/output
• Numerical control machines

Description
The VNI2140J is a monolithic device designed using STMicroelectronics' VIPower
technology.
The device drives two independent resistive or inductive loads with one side
connected to ground. Active current limitation prevents a drop in system power
supply in cases of shorted-load, and built-in thermal shutdown protects the chip from
damage due to overtemperature and short-circuit.
In overload conditions, channel turns OFF and ON automatically to maintain the
junction temperature between TTSD and TR. If the case temperature reaches TCSD,
the overloaded channel is turned OFF and restarts only when case temperature
decreases down to TCR. In order to avoid high-peak current from the supply, when
more than one channel is overloaded the TCSD restart is not simultaneous. Non
overloaded channels continue to operate normally. The open-drain diagnostics output
indicates overtemperature conditions and open-load in OFF-state.




Similar Part No. - VNI2140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNI2140J STMICROELECTRONICS-VNI2140J Datasheet
621Kb / 23P
Dual high side smart power solid state relay
November 2011 Rev 8
More results


Similar Description - VNI2140

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
VNI2140J STMICROELECTRONICS-VNI2140J Datasheet
621Kb / 23P
Dual high side smart power solid state relay
November 2011 Rev 8
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com