Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3238 Datasheet (PDF) - Renesas Technology Corp

ICL3238 Datasheet PDF - Renesas Technology Corp
Part # ICL3238
Download  ICL3238 Download
File Size   410.63 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic

ICL3238 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3238 Datasheet PDF - Renesas Technology Corp

Part # ICL3238
Download  ICL3238 Click to download

File Size   410.63 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic

ICL3238 Datasheet (HTML) - Renesas Technology Corp


ICL3238 Product details

Features
• Pb-free (RoHS compliant)
• ±15kV ESD protected (human body model)
• Manual and enhanced automatic powerdown
features
• Drop in replacements for MAX3224, MAX3226,
MAX3238
• Meets EIA/TIA-232 and V.28/V.24 specifications
at 3V
• Latch-up free
• RS-232 compatible with VCC = 2.7V
• On-chip voltage converters require only four
external 0.1μF capacitors
• Flow-through pinout (ICL3238)
• “Ready to transmit” indicator output (ICL3224/26)
• Receiver hysteresis for improved noise immunity
• Ensured minimum data rate: 250kbps
• Ensured minimum slew rate: 6V/μs
• Wide power supply range: Single +3V to +5.5V
• Low supply current in powerdown state: 1μA
Applications
• Any system requiring RS-232 communication ports
○ Battery powered, hand-held, and portable
equipment
○ Laptop computers, Notebooks, Palmtops
○ Modems, printers and other peripherals
○ Digital cameras
○ Cellular/mobile phones
○ Data cradles




Similar Part No. - ICL3238

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3238 INTERSIL-ICL3238 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3238 INTERSIL-ICL3238 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3238 INTERSIL-ICL3238 Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3238CA INTERSIL-ICL3238CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
More results


Similar Description - ICL3238

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
June 2000
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
November 2002
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
July 2004
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
March 1, 2006
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com