Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN7552 Datasheet (PDF) - Renesas Technology Corp

FN7552 Datasheet PDF - Renesas Technology Corp
Part # FN7552
Download  FN7552 Download
File Size   321.52 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers

FN7552 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN7552 Datasheet PDF - Renesas Technology Corp

Part # FN7552
Download  FN7552 Click to download

File Size   321.52 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers

FN7552 Datasheet (HTML) - Renesas Technology Corp


FN7552 Product details

Features
• ESD protection for RS-232 I/O pins to ±15kV
(IEC61000)
• RS-232 compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 specifications at
3V
• Latch-up free
• On-chip voltage converters require only four
external 0.1μF capacitors
• Manual and automatic powerdown features
• Receiver hysteresis for improved noise immunity
• Assured minimum data rate: 250kbps
• Power supply range : single +3.0V to +3.6V
• Low supply current in powerdown state: 1μA
• Pb-free (RoHS compliant)
Applications
• Any system requiring RS-232 communication ports
○ Battery powered, hand-held, and portable
equipment
○ Modems, printers, and other peripherals




Similar Part No. - FN7552

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN7510-10-M3 SCHAFFNER-FN7510-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-100-M8 SCHAFFNER-FN7510-100-M8 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-16-M4 SCHAFFNER-FN7510-16-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7510-32-M4 SCHAFFNER-FN7510-32-M4 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
FN7511-10-M3 SCHAFFNER-FN7511-10-M3 Datasheet
355Kb / 4P
AC Feedthrough Capacitor
More results


Similar Description - FN7552

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
September 2001
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 2001
5962-0620701Q3A INTERSIL-5962-0620701Q3A Datasheet
195Kb / 9P
짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
May 31, 2006
ICL3243ECAZ-T INTERSIL-ICL3243ECAZ-T Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221EMVZ INTERSIL-ICL3221EMVZ Datasheet
235Kb / 12P
±15kV ESD Protected, 3V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 17, 2009
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83386E RENESAS-ISL83386E Datasheet
354Kb / 16P
±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
Apr.19.19
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com